Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS883IST Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS883IST
Description  Wireless motion detector based on Bluetooth® Low Energy and PIR sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS883IST Datasheet(HTML) 1 Page - STMicroelectronics

  TS883IST Datasheet HTML 1Page - STMicroelectronics TS883IST Datasheet HTML 2Page - STMicroelectronics TS883IST Datasheet HTML 3Page - STMicroelectronics TS883IST Datasheet HTML 4Page - STMicroelectronics TS883IST Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
•
BlueNRG-M2SA module for communication
•
Signal conditioning based on TSU102
•
Window comparator based on TS883
•
STLQ020 power management
•
CR2032 coin cell batter
•
Connectivity with STBLESensor app
•
Motion detection range up to 5 m
•
Low-power design
•
RoHS compliant
Description
The STEVAL-BLUEPIRV1 evaluation board is an application example design of a
wireless motion detector based on a passive infrared (PIR) sensor and featuring
Bluetooth® Low Energy wireless connectivity.
The passive infrared sensors are the most used sensors for motion detection, thanks
to their low-power consumption and price.
The STEVAL-BLUEPIRV1 evaluation board uses IRA-S210ST01 by Murata. The
detection range of the IML-0688 Fresnel lens is up to 5 m.
The on-board low-power TSU102 CMOS op-amp and TS883 comparator perform the
analog signal conditioning with a power consumption in a sub-μA range.
The embedded BlueNRG-M2SA FCC and IC certified radio module (FCC ID:
S9N-BNRGM2S and IC: 8976CBNRGM2SA), which integrates an application
microcontroller based on an Arm®Cortex®-M0 core, features the Bluetooth® Low
Energy connectivity.
The whole design has been built by focusing on low-power consumption. Even
though powered via a CR2032 coin-cell battery, the board expected lifetime is around
a year.
Product summary
Wireless motion
detector based on
Bluetooth® Low Energy
and PIR sensor
STEVAL-
BLUEPIRV1
Very low power
application processor
module for Bluetooth®
Low Energy v5.2
BlueNRG-M2SA
Nanopower (580 nA)
rail-to-rail I/O 5 V
CMOS op-amp
TSU102IST
Rail-to-rail 0.9 V
nanopower, open drain
dual comparators
TS883IST
Bluetooth® Low Energy
sensor application for
Android and iOS
STBLESensor
Application
Industrial
Sensors
Wireless motion detector based on Bluetooth® Low Energy and PIR sensor
STEVAL-BLUEPIRV1
Data brief
DB4690 - Rev 1 - April 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - TS883IST

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS881 STMICROELECTRONICS-TS881 Datasheet
815Kb / 17P
Rail-to-rail 1.1 V nanopower comparator
18-Jul-2012
TS881 STMICROELECTRONICS-TS881 Datasheet
918Kb / 21P
Rail-to-rail 0.9 V nanopower comparator
16-Dec-2013
TS881ICT STMICROELECTRONICS-TS881ICT Datasheet
918Kb / 21P
Rail-to-rail 0.9 V nanopower comparator
16-Dec-2013
TS881ILT STMICROELECTRONICS-TS881ILT Datasheet
5Mb / 6P
Training kit for operational amplifiers and comparators
TS881ILT STMICROELECTRONICS-TS881ILT Datasheet
918Kb / 21P
Rail-to-rail 0.9 V nanopower comparator
16-Dec-2013
More results

Similar Description - TS883IST

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS6501LP LSI-LS6501LP Datasheet
76Kb / 8P
PIR MOTION DETECTOR
logo
List of Unclassifed Man...
M2006C ETC-M2006C Datasheet
197Kb / 5P
PIR Motion Detector
MK71050-03 ETC2-MK71050-03 Datasheet
616Kb / 23P
Bluetooth Low Energy wireless module
logo
STMicroelectronics
BLUENRG-1 STMICROELECTRONICS-BLUENRG-1 Datasheet
5Mb / 173P
Bluetooth low energy wireless system-on-chip
23-Jun-2016
logo
List of Unclassifed Man...
HC-SR501 ETC2-HC-SR501 Datasheet
859Kb / 3P
PIR MOTION DETECTOR
logo
Panasonic Semiconductor
EKMC4607111K PANASONIC-EKMC4607111K Datasheet
674Kb / 10P
PIR MOTION SENSOR
logo
List of Unclassifed Man...
HC-SR505 ETC1-HC-SR505 Datasheet
229Kb / 3P
Mini PIR Motion Sensor
logo
Panasonic Semiconductor
PAN1781 PANASONIC-PAN1781 Datasheet
889Kb / 35P
Bluetooth® Low Energy Module
Rev. 1.0
logo
STMicroelectronics
BLUENRG-LPS STMICROELECTRONICS-BLUENRG-LPS Datasheet
2Mb / 67P
Programmable Bluetooth® Low Energy wireless SoC
Rev 4 - March 2023
logo
Renesas Technology Corp
RYZ012 RENESAS-RYZ012 Datasheet
649Kb / 21P
Wireless Communication Module for Bluetooth® 5 Low Energy
May.05.22
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com