Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLPV450 Datasheet(PDF) 1 Page - PCTEL, Inc.

Part # MLPV450
Description  Low-Profile Antennas - MLPV Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

MLPV450 Datasheet(HTML) 1 Page - PCTEL, Inc.

  MLPV450 Datasheet HTML 1Page - PCTEL, Inc. MLPV450 Datasheet HTML 2Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MOBILE ANTENNAS
PCTEL, Inc. WEB: www.antenna.com
MLPV Series
* Measured on a 1 x1 foot diameter ground plane. Gain is ground plane dependent. , **Order cable assembly separately.
PCTEL’s MLPV antennas provide superior pattern coverage for mobile and fixed
applications from 380 MHz to 6 GHz. Their design provides industry leading wideband
performance and reliability, with minimum loss and no tuning required. Multi-band
versions are also available. All models feature an attractive, compact housing
environmentally tested for both indoor or out. Antennas can be purchased separately,
or as a kit assembly with the MVPHP mount for permanent installations (VP option).
Features
• Attractive, low-profile design for maximum overhead clearance
• Industry leading wideband performance provides outstanding coverage across
multiple frequency bands with no tuning required
• Wideband, multi-band, and no ground plane models available
• “Easy grip” HD models available
• N Female termination option available on select models (VP Option)
Low-Profile Antennas - MLPV Series
STANDARD CONFIGURATION
MLPV antennas mate with 1-1/8”-18 thread mounts, including mounts (sold separately). For models operating at frequencies over 600 MHz,
high frequency mounts are recommended:
MLFML195C: High performance permanent mount 3/4” hole, 1-1/8”-18 thread interface. Includes 17 ft of Pro-Flex™ Plus 195 cable. Loose TNC
male connector included. Optimized for frequencies over 600 MHz. Configurable.
GMLFML195C: High performance magnetic mount 3-1/4” diameter base, 1-1/8”-18 thread interface. Includes 12 ft of Pro-Flex™ Plus 195 cable
terminated with TNC male connector (attached). Optimized for frequencies over 600 MHz. Configurable.
MTPM800: 5/8” hole, 1-1/8”-18 thread mount for surfaces up to 1/2-inch thick. Terminates in an N Female connector. No cable.** Supports 24
MHz - 6 GHz.
MVPHP: 5/8” hole, vandal proof mount. No cable.** Supports 24 MHz - 6 GHz. Add suffix “VP” to the MLPV part number to have this mount
permanently installed at the factory. VP option will not be removable from factory installed “VP” antennas. (example: BMLPVDB800/1900SVP.)
MMF: 3/4” hole, 1-1/8”-18 mount. Terminates in an SMA, Male connector. No cable.** Supports 24 MHz - 6 GHz.
MMF-VP: 3/4” hole vandal-proof mount for frequencies from 0 GHz to 6 GHz. 1-1/8”-18 thread interface. Terminates in SMA, Male connector. No
cable**. Accommodates surfaces up to .09-inch thick.
Low-Profile Whipless Antennas
ELECTRICAL SPECIFICATIONS
Model
Frequency Range
Gain*
VSWR
Maximum
Power
Nominal
Impedance Polarization
MLPV380
380-410 MHz
Unity
< 2.0:1
100 watts
50 ohms
Vertical
MLPV406
406-440 MHz
Unity
< 2.0:1
100 watts
50 ohms
Vertical
MLPV430
430-480 MHz
Unity
< 2.0:1
100 watts
50 ohms
Vertical
MLPV450
450-512 MHz
Unity
< 2.0:1
100 watts
50 ohms
Vertical
BMLPVMB/LTE
600-690 MHz/698-960 MHz/1710-2700 MHz
3 dBi
3.0:1/< 2.5:1/< 2.5:1 100 watts
50 ohms
Vertical
WMLPVMB/LTE
600-690 MHz/698-960 MHz/1710-2700 MHz
3 dBi
3.0:1/< 2.5:1/< 2.5:1 100 watts
50 ohms
Vertical
LPBMLPVMB/LTE
698-3800 MHz
3 dBi
< 2.0:1
100 watts
50 ohms
Vertical
MLPV700
740-870 MHz
3 dBi
< 2.0:1
100 watts
50 ohms
Vertical
MLPV800
806-960 MHz
3 dBi
< 2.0:1
100 watts
50 ohms
Vertical
BMLPV800HD
806-960 MHz
3 dBi
< 2.0:1
100 watts
50 ohms
Vertical
MLPVDB800/1900
806-960 MHz & 1710-1990 MHz
3 dBi/4 dBi
< 2.0:1
100 watts
50 ohms
Vertical
BMLPVDB800/1900HD 806-960 MHz & 1710-1990 MHz
3 dBi/4 dBi
< 2.0:1
100 watts
50 ohms
Vertical
WMLPVDB800/1900S
806-960 MHz & 1710-2500 MHz
3 dBi/4 dBi
< 2.0:1
100 watts
50 ohms
Vertical
MLPVDB800/1900S
806-960 MHz & 1710-2500 MHz
3 dBi/4 dBi
< 2.0:1
100 watts
50 ohms
Vertical
MLPV1700
1.7-2.7 GHz
4 dBi
< 2.0:1
100 watts
50 ohms
Vertical
MLPVDB2458
2.4-2.5 GHz & 4.9-5.9 GHz
3 dBi/4 dBi
< 2.0:1
100 watts
50 ohms
Vertical
BMLPV4900
4.9-5.9 GHz
4 dBi
< 1.5:1
150 watts
50 ohms
Vertical
BMLPV800HD
WMLPVDB2458VP
RoHS
COMPLIANT


Similar Part No. - MLPV450

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
MLP CDE-MLP Datasheet
446Kb / 6P
Double the ripple capability with a heatsink
MLP CDE-MLP Datasheet
495Kb / 6P
Ultra Long Life, Aluminum Electrolytic
logo
Kingston Technology Far...
MLP KINGSTON-MLP Datasheet
299Kb / 2P
MOBILELITE PLUS SD READER Next-Level Speed and Performance
logo
Ferroxcube Internationa...
MLP FERROXCUBE-MLP Datasheet
168Kb / 13P
Multilayer suppressors EMI-suppression products
2004 Sep 01
logo
Fairchild Semiconductor
MLP014A FAIRCHILD-MLP014A Datasheet
25Kb / 1P
14-Terminal Depopulated Quad Very-Thin Flat Pack No Leads (DQFN), JEDEC MO-241, 2.5x3.0mm
More results

Similar Description - MLPV450

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1307023 MACOM-1307023 Datasheet
50Kb / 2P
Picocell Antennas
logo
Texas Instruments
RI-ANT-G01E TI-RI-ANT-G01E Datasheet
298Kb / 5P
SERIES 2000 ANTENNAS
logo
Microsemi Corporation
MDT5864 MICROSEMI-MDT5864 Datasheet
167Kb / 2P
HORN ANTENNAS
logo
Texas Instruments
RI-ANT-G01E TI1-RI-ANT-G01E_16 Datasheet
267Kb / 7P
SERIES 2000 ANTENNAS
logo
Pulse A Technitrol Comp...
W1047 PULSE-W1047 Datasheet
158Kb / 5P
ANTENNAS
logo
Laird Tech Smart Techno...
RD2458-5 LSTD-RD2458-5 Datasheet
449Kb / 2P
Amplified antennas
logo
Pulse A Technitrol Comp...
LORA-K PULSE-LORA-K Datasheet
423Kb / 4P
LORA Antennas
SPWH24918 PULSE-SPWH24918 Datasheet
994Kb / 4P
PORTABLE ANTENNAS
logo
Molex Electronics Ltd.
987651-5071 MOLEX-987651-5071 Datasheet
1Mb / 2P
GNSS Antennas
2020.02
logo
PCTEL, Inc.
BMLPVMBLTENGP PCTEL-BMLPVMBLTENGP Datasheet
201Kb / 1P
MLPV Low-Profile No Ground Plane Antennas
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com