Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPE Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # TPE
Description  Conductive Polymer Tantalum Solid Capacitors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TPE Datasheet(HTML) 7 Page - Panasonic Semiconductor

  TPE Datasheet HTML 1Page - Panasonic Semiconductor TPE Datasheet HTML 2Page - Panasonic Semiconductor TPE Datasheet HTML 3Page - Panasonic Semiconductor TPE Datasheet HTML 4Page - Panasonic Semiconductor TPE Datasheet HTML 5Page - Panasonic Semiconductor TPE Datasheet HTML 6Page - Panasonic Semiconductor TPE Datasheet HTML 7Page - Panasonic Semiconductor TPE Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Conductive Polymer Tantalum Solid Capacitors
1.1 Prohibited circuits
Since problems can be expected, POSCAP cannot be used on the following circuits.
(1) High impedance voltage retention circuits
(2) Coupling circuit
(3) Time constant circuits
(4) Circuits greatly affected by leakage current
(5) The circuit in which two or more POSCAP are connected in a series so as to raise the endurance voltage.
1.2 Failure and life-span
The failure rate is 0.5 %* / 1000 h (Confidence level : 60 %) based on JIS C 5003.
The mainly failure modes are as follows.
* B2 size or less : 1.0 %
1.2-1 Contingency failure
The main causes of failure are thermal stresses cause by the soldering or thermal use environment, along with heat
stresses, electrical stresses or mechanical stresses. The most common failure mode is a short circuit.
In case a short circuit occurs, ensure safety by fully considering the followings.
(a) If POSCAP emit smoke, turn off the main power of the equipment. In this case, keep your face and hands away
from the area.
(b) It may take a few seconds to a few minutes before POSCAP emits smoke by the situation. Increase safety by
using a protective circuit.
(c) If the smoke comes into eyes, rinse immediately. If the smoke is inhaled, gargle immediately.
(d) In case a large current continues to flow after a short circuit, in the worst case, the shorted-out section may
ignite. For safety, install a redundant circuit or a protective circuit, etc.
1.2-2 Wear-out failure (lifetime)
When lifetime exceeded the specified guarantee time of Endurance and Damp heat, electrolyte might insulate
and cause electric characteristic changed. This is called an open circuit. The rated capacitance values and
the electrical characteristics values such as ESR specified in the characteristics list are factory default values.
Please carefully design a circuit since rated capacitance values and the electrical characteristics values
may change (increase) beyond the specified values under the conditions of rated voltage/temperature and
electrical/mechanical performances.
1.3 Reduction of failure stress
When POSCAP is used within the rated voltage, it shows a stable characteristic, but it may be damaged in a short
circuit when an overvoltage, for instance, is applied. The time to reach the failure mode can be extended by using
POSCAP with reduced environment temperature, ripple current and applied voltage.
Failure rate
・ In the case of the endurance which is 105 °C 2000 h.
0.5 %/1000 h (Environment temp. : 105 °C, Rated voltage or Category voltage applied)
・ In the case of the endurance which is 105 °C 1000 h or 125 °C 1000 h.
1.0 %/1000 h (Environment temp. : 105 °C, Rated voltage or Category voltage applied)
・ In the case of the endurance which is 85 °C 1000 h.
1.0 %/1000 h (Environment temp. : 85 °C, Rated voltage applied)
1.4 Check the rated performance
After checking the operation and installation environments, design the circuit so that it falls within the rated performance
range stipulated in this delivery specification.
1.5 Operating temperature and ripple current
(1) Set the operating temperature so that it falls within the range stipulated in this delivery specification.
(2) Do not apply current that exceeds the allowable ripple current. Ripple current should be controlled so that
 surface temperature of a capacitor do not exceed the rated temperature.
(For questions regarding TQC series, please contact us.)
(3) The ESR values specified in the characteristics list are factory default values.
ESR values may change (increase) beyond the specified values depending on the customer's use conditions.
14-Jan-22
  Application Guidelines (POSCAP)
1. Circuit design



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com