Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPP2018 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MPP2018
Description  MAGIGOO® - Polypropylene, is an all-in-one 3D printing, first layer adhesive that offers a strong adhesion platform for polypropylene based filaments
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MPP2018 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MPP2018 Datasheet HTML 1Page - List of Unclassifed Manufacturers MPP2018 Datasheet HTML 2Page - List of Unclassifed Manufacturers MPP2018 Datasheet HTML 3Page - List of Unclassifed Manufacturers MPP2018 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
info@magigoo.com
www.magigoo.com
MAGIGOO
Thought3D Ltd, Unit2150, KBIC, Kordin Industrial Estate
Paola, PLA3000, Malta
Description:
MAGIGOO® - Polypropylene, is an all-in-one 3D printing, first layer adhesive that
offers a strong adhesion platform for polypropylene based filaments. Magigoo is an
easy to use 3D printing adhesive designed to reduce warping in FDM/FFF 3D printers.
Warping, among other factors, is caused by the differential cooling of a print during a
3D printing process. For printing repeatability and reliability a sure adhesion method
such as Magigoo - Polypropylene is needed.
Technical specifications:
Appearance: milky white liquid
Consistency: low-med viscosity
Solvent:water
Properties:
Magigoo – Polypropylene, acts as a thermally activated interfacial layer,
allowing for better interactions, both at the micro and molecular level,
between the printing bed and the printing materials. It is generally
recommended to print according to the printing temperatures recommended
by the filament supplier. The printing conditions vary between one printer and
another.
To find the best temperature one could start from the lower end of the
recommended settings and increase the bed temperature in 5 °C increments.
This should be done with standardised calibration prints.
Additionally Magigoo – Polypropylene, is temperature sensitive, in that it will
reduce its adhesive properties upon cooling. Different printers, print surfaces
or filaments will have slightly different release conditions.
Intended use:
To be used on FDM/FFF 3D printers with a heated bed on glass surfaces. Also works
when applied on sheets e.g. Kapton, PEI and similar. To be used with Polypropylene
plastics.
1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com