Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP7387 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP7387
Description  WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7387 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP7387 Datasheet HTML 1Page - Diodes Incorporated AP7387 Datasheet HTML 2Page - Diodes Incorporated AP7387 Datasheet HTML 3Page - Diodes Incorporated AP7387 Datasheet HTML 4Page - Diodes Incorporated AP7387 Datasheet HTML 5Page - Diodes Incorporated AP7387 Datasheet HTML 6Page - Diodes Incorporated AP7387 Datasheet HTML 7Page - Diodes Incorporated AP7387 Datasheet HTML 8Page - Diodes Incorporated AP7387 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
AP7387
Document number: DS44416 Rev. 3 - 2
4 of 18
www.diodes.com
July 2022
© Diodes Incorporated
AP7387
Electrical Characteristics (TA = 25°C, IOUT = 1mA, C
IN=1µF, C
OUT =10µF ceramic capacitor, VIN = VOUTNOM +2.0V)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIN
Input Voltage
5.0
60
V
IGND
Quiescent Current
VIN = 12V, No load
2
4
µA
VOUT
Output Voltage
VIN = 12V, IOUT = 10 mA
VOUTx98%
VOUTx102%
V
IOUT_ MAX
Output Current
150
mA
VDROP
Dropout Voltage
IOUT = 100mA, VOUT = VOUTNOM – 0.1V
700
850
mV
IOUT = 150mA, VOUT = VOUTNOM – 0.1V
1100
1350
mV
△VOUT(△IOUT) Load Regulation (Note 5)
VIN = 12V, 1mA
≤ IOUT ≤ 100mA
0.02
0.025
%/mA
VIN = VOUT+2V, 1mA ≤ IOUT ≤ 150mA
0.015
0.02
△VOUT/∆VIN
Line Regulation
VOUTNOM + 0.5 V≤ VIN ≤ 60 V,
IOUT = 1 mA
0.01
0.02
%/V
ILIMIT
Current Limit
250
mA
TOTSD
Thermal Shutdown Temperature
+150
°C
THYOTSD
Thermal Shutdown Hysteresis
+30
°C
PSRR
Power Supply Rejection Ratio
VIN = 12V,IOUT = 1mA,
VOUT = 3.3V@1kHz
70
dB
JC
Thermal Resistance Junction to Case
(Note 5)
SOT25
59.5
°C/W
SOT23
140.5
SOT89
97
SOT89R
25
U-DFN2020-6 (Type C)
15.5
Note:
5. The load regulation SPEC is depended on the package and operating temperature, be careful the operating junction temperature not over OTP
threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com