| Electronic Components Datasheet Search |
|
FXLS8967AF Datasheet(PDF) 15 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
FXLS8967AF Datasheet(HTML) 15 Page - NXP Semiconductors |
|
15 / 98 page ![]() NXP Semiconductors FXLS8967AF 3-Axis Low-g Accelerometer during a read operation. When applied, clock stretching occurs after the ACK issued by the I2C bus primary. A LOW-to-HIGH transition on the SDA line while the SCL line is high is defined as a stop condition (SP) signal. The primary issuing the SP signal always terminates a write or burst write. A primary should properly terminate a read by not acknowledging a byte at the appropriate time in the protocol, followed by the SP signal. A primary may also issue a repeated start signal (SR) during a transfer. 12.1.2 I2C read/write operations 12.1.2.1 Single-byte read The primary transmits a start condition (ST) to FXLS8967AF, followed by the secondary address, with the R/W bit set to '0' for a write, and the FXLS8967AF sends an acknowledgment. Then the primary transmits the address of the register to read and the FXLS8967AF sends an acknowledgment. The primary transmits a repeated start condition (SR), followed by the secondary address with the R/W bit set to '1' for a read from the previously selected register. The FXLS8967AF then acknowledges and transmits the data from the requested register. The primary does not acknowledge (NAK) the transmitted data and then transmits a stop condition to end the data transfer. 12.1.2.2 Multiple-byte read When performing a multi-byte or burst read, FXLS8967AF automatically increments the register read address pointer after a read command is received. Therefore, after following the steps of a single-byte read, multiple bytes of data can be read from sequential register addresses after each FXLS8967AF acknowledgment (ACK) is received. Data can be read until the primary issues a no acknowledge (NAK), followed by a stop condition (SP) signaling the end of the transfer. 12.1.2.3 Single-byte write To start a write command, the primary transmits a start condition (ST) to the FXLS8967AF, followed by the secondary address with the R/W bit set to '0' for a write, and the FXLS8967AF sends an acknowledgment. Then the primary transmits the address of the register to write to, and the FXLS8967AF sends an acknowledgment. Then the primary transmits the 8-bit data to write to the designated register and the FXLS8967AF sends an acknowledgment signaling it has received the data. Since this transmission is complete, the primary transmits a stop condition (SP) to end the data transfer. The data sent to the FXLS8967AF is now stored in the appropriate register. 12.1.2.4 Multiple-byte write FXLS8967AF automatically increments the register address write pointer after a write command is received. Therefore, after following the steps of a single-byte write, multiple bytes of data can be written to sequential registers after each acknowledgment (ACK) is received. FXLS8967AF All information provided in this document is subject to legal disclaimers. © NXP B.V. 2021. All rights reserved. Preliminary data sheet Rev. 1.3 — 22 October 2021 15 / 98 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |