Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXLS8974CFR3 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # FXLS8974CFR3
Description  3-Axis Low-g Accelerometer
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8974CFR3 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button FXLS8974CFR3 Datasheet HTML 5Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 6Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 7Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 8Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 9Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 10Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 11Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 12Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 96 page
background image
NXP Semiconductors
FXLS8974CF
3-Axis Low-g Accelerometer
[2]
Based on characterization data on limited number of parts from 3 lots
[3]
See Cross-axis sensitivity in Section 20 "Glossary".
[4]
See Self-Test in Section 20 "Glossary"
[5]
In low-power mode, higher ODR settings result in a lower noise density figure.
10 Electrical characteristics
VDD = 3.0 V , T = 25 °C, unless otherwise noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
Supply voltage
—
1.71
3.0
3.6
V
IDDHPM
Average current draw in High
Performance mode
ODR independent,
T = 25 °C
—
150
—
µA
ODR = 3200 Hz,
T = 25 °C
—
150
—
ODR = 1600 Hz,
T = 25 °C
—
75
—
ODR = 800 Hz,
T = 25 °C
—
38
—
ODR = 400 Hz,
T = 25 °C
—
20
—
ODR = 200 Hz,
T = 25 °C
—
11
—
ODR = 100 Hz,
T = 25 °C
—
5.3
—
ODR = 50 Hz,
T = 25 °C
—
3.1
—
ODR = 25 Hz,
T = 25 °C
—
1.8
—
ODR = 12.5 Hz,
T = 25 °C
—
1.4
—
ODR = 6.25 Hz,
T = 25 °C
—
1.0
—
ODR = 3.125 Hz,
T = 25 °C
—
0.80
—
ODR = 1.563 Hz,
T = 25 °C
—
0.70
—
IDDLPM
Average current draw in low-power
mode
ODR = 0.781 Hz,
T = 25 °C
—
0.65
—
µA
IDDSTBY
Supply current draw in Standby mode
T = 25 °C
—
0.60
—
µA
IDDHIB
Supply current draw in Hibernate
mode
T = 25 °C
—
15
—
nA
Table 8. Electrical characteristics
FXLS8974CF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 1.5 — 11 March 2022
9 / 96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com