Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPS1025H Datasheet(PDF) 15 Page - STMicroelectronics

Part # IPS1025H
Description  High efficiency, high-side switch with extended diagnostics and smart driving for capacitive loads
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS1025H Datasheet(HTML) 15 Page - STMicroelectronics

Back Button IPS1025H Datasheet HTML 11Page - STMicroelectronics IPS1025H Datasheet HTML 12Page - STMicroelectronics IPS1025H Datasheet HTML 13Page - STMicroelectronics IPS1025H Datasheet HTML 14Page - STMicroelectronics IPS1025H Datasheet HTML 15Page - STMicroelectronics IPS1025H Datasheet HTML 16Page - STMicroelectronics IPS1025H Datasheet HTML 17Page - STMicroelectronics IPS1025H Datasheet HTML 18Page - STMicroelectronics IPS1025H Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
Figure 9. Short-circuit behavior with dual threshold (TCASE < TCSD)
7.3.2
Overload protection with single (low) threshold
The user can set the activation threshold to IPKL and the limitation level to ILIML by connecting the IPD pin to the IN
pin with a 220 KΩ resistor.
This condition is equivalent to setting DPK = 0 μs.
Note:
Leaving IPD floating is equivalent to having an initial peak duration of 1 μs.
7.3.3
Overload protection with single (high) threshold
The user can set the activation threshold to IPKH and the limitation level to ILIMH by connecting the IPD pin to GND
with a 10 KΩ resistor.
7.4
VCC disconnection protection
VCC disconnection involves the disconnection of the module from the supply line. When this condition is detected,
the output channel can be driven normally until the voltage on VCC pin remains higher than the UVLO threshold.
In case of inductive load, if the VCC is disconnected while the channel is active, the energy stored in the
inductance is discharged through the power switch thanks to the integrated demagnetization circuit.
IPS1025H, IPS1025H-32, IPS1025HQ, IPS1025HQ-32
VCC disconnection protection
DS13780 - Rev 3
page 15/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com