Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X-CUBE-IPS Datasheet(PDF) 2 Page - STMicroelectronics

Part # X-CUBE-IPS
Description  Industrial digital output expansion board based on IPS1025HF for STM32 Nucleo
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

X-CUBE-IPS Datasheet(HTML) 2 Page - STMicroelectronics

  X-CUBE-IPS Datasheet HTML 1Page - STMicroelectronics X-CUBE-IPS Datasheet HTML 2Page - STMicroelectronics X-CUBE-IPS Datasheet HTML 3Page - STMicroelectronics X-CUBE-IPS Datasheet HTML 4Page - STMicroelectronics X-CUBE-IPS Datasheet HTML 5Page - STMicroelectronics X-CUBE-IPS Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1
Schematic diagrams
Figure 1. X-NUCLEO-OUT15A1 circuit schematic (1 of 2)
DEFAULT
DEFAULT
ALTERNATE USE
OUT
Analog supply
8 - 60 V
VCC
VCC
PB8
PA10
PA4
PA2
PB9
PA0
PB10
PB0
PC0
PA5
PA1
PB4
PA3
ALTERNATE USE
PA8
PA6
PB6
DEFAULT
PA7
Morpho connectors
(N. M.)
PC1
PB3
Arduino connectors
PA9
PB5
PC7
GND
OUT
NRST
I OREF
( 7V- 12V NUCLEO suppl y vol t age)
ALTERNATE USE
DEFAULT
DEFAULT
ALTERNATE USE
ALTERNATE USE
OUT1
VCC
IN1
FLT1
FLT2
OUT_FB
Nch-DRV
3v3
5v0
TR1
J3
default closed
D1 STPS1H100A
CN1
691137710005
1
2
3
4
5
R115
100 N.M.
CN10
SSQ-119-04-L-D
N.M.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
R108
100
R104
100 N.M.
CN5
SSQ-110-04-F-S
1
2
3
4
5
6
7
8
9
10
R101
100
FIDUCIAL3
Fiducial
TP4
5001
R114
100
TR2
ESDA15P60-1U1M
N.M.
R107
100 N.M.
R102
100 N.M.
MH4
M3 HOLE NOT PLATED
R103
100
J2
default open
MH2
M3 HOLE NOT PLATED
MH3
M3 HOLE NOT PLATED
R116
100 N.M.
FIDUCIAL2
Fiducial
CN2
691214110002
N.M.
1
2
CN6
SSQ-108-04-F-S
1
2
3
4
5
6
7
8
CN8
SSQ-106-04-F-S
1
2
3
4
5
6
+
C10
100uF
N.M.
CN9
SSQ-108-04-F-S
1
2
3
4
5
6
7
8
C1
4700pF
N.M.
D2
BAT48JFILM
N.M.
C6
2.2uF
TP2
5001
MH1
M3 HOLE NOT PLATED
FIDUCIAL1
Fiducial
CN7
SSQ-119-04-L-D
N.M.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
R110
100
FIDUCIAL4
Fiducial
C2
4700pF
N.M.
J4
default closed
EARTH
FLT1
D15
FLT1
D14
AVDD
VIN
3V3
D13
5V
D12
D11
IN1
D10
VIN
IN1
D9
D8
IN1
FLT1
D7
FLT2
D6
A0
D5
A1
D4
OUT_FB
A2
D3
A3
FLT2
D2
Nch-DRV
A4
FLT2
D1
A5
D0
OUT_FB
Nch-DRV
Nch-DRV
OUT_FB
Alternate nucleo supply
7 - 12 V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com