Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIP501 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MIP501
Description  Silicon MOS IC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MIP501 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MIP501 Datasheet HTML 1Page - Panasonic Semiconductor MIP501 Datasheet HTML 2Page - Panasonic Semiconductor MIP501 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Intelligent Power Devices (IPDs)
MIP501, MIP502
MIP501, MIP502
Silicon MOS IC
s Features
q High breakdown voltage, N-Ch MOS FET output
(VDSS > 40V Ron < 0.5Ω)
q Over-current-protection function built-in
q Reset function built-in
q Direct drive possible by the logic circuit
s Applications
q Lamp drive
s Absolute Maximum Ratings (Ta= 25˚C)
MIP501
Unit : mm
s Block Diagram
Parameter
Output breakdown voltage
Output peak current
Output current
Input voltage
Input current
Allowable power
MIP501
dissipation
MIP502
Junction temperature
Storage temperature
Operating temperature
Symbol
VDSS
IOP
IOA
VIN
IIN
PD
Tj
Tstg
Topr
Rating
40
5
1.7
– 0.5 to 6
±10
1.5
1 *
150
– 55 to +150
– 40 to + 85
Unit
V
A
A
V
mA
W
˚C
˚C
˚C
* The value at mounted on PCB (glass epoxy resin: 100
×100mm). (For MIP502 only)
1 : IN
2 : Drain
3 : Source
MT3 Type Package
MIP502
Unit : mm
1 : Source
2 : Drain
3 : IN
TO-92NL Type Package
Over voltage
protection circuit
Over current
protection circuit
Reset circuit
1
SOURCE
3
IN
2
DRAIN
7.5
±0.2
4.5
±0.2
90
°
0.8C
0.8C
0.4
±0.1
0.8C
123
0.5
±0.1
0.7
±0.1
1.0
±0.1
0.85
±0.1
0.65
±0.1
0.65
±0.1
2.5
±0.2
2.5
±0.2
2.05
±0.2
5.0
±0.2
1.27
123
1.27
4.0
±0.2
0.45
+0.15
-0.1
0.45
+0.15
-0.1
0.7
±0.1
2.54
±0.15


Similar Part No. - MIP501

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MIP504 PANASONIC-MIP504 Datasheet
29Kb / 2P
Silicon MOS IC
MIP506 PANASONIC-MIP506 Datasheet
30Kb / 2P
Silicon MOS IC
MIP508 PANASONIC-MIP508 Datasheet
30Kb / 2P
Silicon MOS IC
More results

Similar Description - MIP501

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MIP0221SY PANASONIC-MIP0221SY Datasheet
34Kb / 2P
Silicon MOS IC
MIP160 PANASONIC-MIP160 Datasheet
64Kb / 2P
Silicon MOS IC
MIP301 PANASONIC-MIP301 Datasheet
33Kb / 2P
Silicon MOS IC
MIP504 PANASONIC-MIP504 Datasheet
29Kb / 2P
Silicon MOS IC
MIP506 PANASONIC-MIP506 Datasheet
30Kb / 2P
Silicon MOS IC
MIP508 PANASONIC-MIP508 Datasheet
30Kb / 2P
Silicon MOS IC
MIP704 PANASONIC-MIP704 Datasheet
30Kb / 2P
Silicon MOS IC
MIP803 PANASONIC-MIP803 Datasheet
34Kb / 2P
Silicon MOS IC
MIP805 PANASONIC-MIP805 Datasheet
35Kb / 2P
Silicon MOS IC
MIP713 PANASONIC-MIP713 Datasheet
73Kb / 3P
Silicon MOS IC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com