Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSUSB242 Datasheet(PDF) 3 Page - ON Semiconductor

Part # FSUSB242
Description  FSUSB242 Type-C USB Port Protection Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSUSB242 Datasheet(HTML) 3 Page - ON Semiconductor

  FSUSB242 Datasheet HTML 1Page - ON Semiconductor FSUSB242 Datasheet HTML 2Page - ON Semiconductor FSUSB242 Datasheet HTML 3Page - ON Semiconductor FSUSB242 Datasheet HTML 4Page - ON Semiconductor FSUSB242 Datasheet HTML 5Page - ON Semiconductor FSUSB242 Datasheet HTML 6Page - ON Semiconductor FSUSB242 Datasheet HTML 7Page - ON Semiconductor FSUSB242 Datasheet HTML 8Page - ON Semiconductor FSUSB242 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
FSUSB242UCX−Z002
www.onsemi.com
3
APPLICATION INFORMATION
Over Voltage Protection
Over voltage protection turns the switch off if the inputs
HSD+/HSD− rise above the over voltage trip threshold.
Under Voltage Lockout
The under−voltage lockout on VDD pin turns the switch
off if the VDD voltage drops below the lockout threshold.
With the SELpin active, the input voltage rising above the
UVLO threshold releases the lockout and enables the
switch.
Tri−State Input Control Pin (SEL)
The SEL pin can be tri−stated to disable the switch to save
power, there are a few ways to achieve this. If the SEL pin
is controlled by GPIO in the system, if the GPIO pin has
a High−Z state where the impedance of the High−Z state is
larger then 2.5 M
W the switch will recognize the High−Z
state and disable the switch. If the system does not have
GPIO that supports High−Z state, the user can utilize 2
MOSFETs or a Logic Device to achieve the same result.
For GPIO
The SEL pin function below:
If the input is pulled up with less than 50 kW it will be
considered as Logic High
If the input is pulled down with less than 50 kW it will
be consider as Logic Low
If the input is pulled up or down with more 2.5 MW it
will be consider as float/High−Z
System Timing Diagram
Figure 3. System Timing Plot
VDD
HSD±
HSD1±
HSD2±
SEL
UVLO
TON
HSD± = HSD1±
4V
TOFF
SEL = L
SEL = H
TBBM
HSD± = HSD1±
HSD± = HSD2±
3V
HSD± = HSD2±
TON
TOFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com