Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIW2000 Datasheet(PDF) 3 Page - Minmax Technology Co., Ltd.

Part # MIW2000
Description  3-4W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MIW2000 Datasheet(HTML) 3 Page - Minmax Technology Co., Ltd.

  MIW2000 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MIW2000 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MIW2000 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MIW2000 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MIW2000 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MIW2000 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MIW2000 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MIW2000 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Pi Filter
Input Filter
mW
2000
---
---
Short Circuit Input Power
A
1
---
---
All Models
Reverse Polarity Input Current
16
---
---
48V Input Models
8
---
---
24V Input Models
Under Voltage Shutdown
17
12
8.5
48V Input Models
VDC
8.5
6
4.5
24V Input Models
Start Voltage
Unit
Max.
Typ.
Min.
Model
Parameter
Input Specifications
K Hours
---
---
1000
MIL-HDBK-217F @ 25], Ground Benign
MTBF
KHz
---
350
---
Switching Frequency
pF
500
380
---
100KHz,1V
Isolation Capacitance
M[
---
---
1000
500VDC
Isolation Resistance
VDC
---
---
1650
Flash Tested for 1 Second
Isolation Voltage Test
VDC
---
---
1500
60 Seconds
Isolation Voltage Rated
Unit
Max.
Typ.
Min.
Conditions
Parameter
General Specifications
Continuous
Output Short Circuit
%/]
{0.02
{0.01
---
Temperature Coefficient
%
---
{2
---
Transient Response Deviation
uS
500
150
---
25% Load Step Change
Transient Recovery Time
%
---
---
120
Over Power Protection
mV rms
15
---
---
Ripple & Noise (20MHz)
mV P-P
100
---
---
Over Line, Load & Temp.
Ripple & Noise (20MHz)
mV P-P
75
50
---
Ripple & Noise (20MHz)
%
{1.0
{0.3
---
Io=10% to 100%
Load Regulation
%
{0.5
{0.2
---
Vin=Min. to Max.
Line Regulation
%
{2.0
{0.5
---
Dual Output, Balanced Loads
Output Voltage Balance
%
{1.0
{0.5
---
Output Voltage Accuracy
Unit
Max.
Typ.
Min.
Conditions
Parameter
Output Specifications
# For each output
uF
680
680
680
3000
3000
3000
3000
Maximum Capacitive Load
Unit
{15V #
{12V #
{5V #
15V
12V
5V
3.3V
Models by Vout
Capacitive Load
MIW2000 Series
REV:0 2005/04
MINMAX
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com