Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP64200QSP-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP64200QSP-13
Description  40V, 1A and 2A, Synchronous Buck Converters Deliver High Efficiency for Automotive Point-of-Load Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP64200QSP-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP64200QSP-13 Datasheet HTML 1Page - Diodes Incorporated AP64200QSP-13 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Announcement
New Product
diodes.com
January 2022
Ordering Information
Typical Application Circuit
Efficiency vs. Output Current
40V, Automotive-Compliant, DC-DC Buck Converter Portfolio
AP64200Q
VIN
EN
SW
BST
FB
GND
INPUT
R1
R2
L
C3
C2
C1
OUTPUT
RT/CLK
RT
COMP
R5
C5
50
60
70
80
90
100
0.001
0.010
0.100
1.000
10.000
IOUT (A)
VIN = 12V, VOUT = 5V, L = 10
μH
VIN = 12V, VOUT = 3.3V, L = 6.8
μH
Part
Number
VIN
Range
(V)
VOUT
Range
(V)
Output
Current
(A)
LS / HS
RDS(ON)
(m
Ω)
Switching
Frequency
(kHz)
IQ
(µA)
Key Features
Ambient
Temperature
(
C)
AEC-
Q100
Grade
Package
Adj.
fSW
Ext.
Sync
Ext.
Comp
Adj.
SS
AP64100Q
3.8
– 40 0.8 - V
IN
1.0
150 / 80 100 - 2200 25
Y
Y
Y
-
-40 to +125
1
SO-8EP
AP64102Q
Y
Y
-
Y
AP64200Q
3.8
– 40 0.8 - V
IN
2.0
150 / 80 100 - 2200 25
Y
Y
Y
-
-40 to +125
1
SO-8EP
AP64202Q
Y
Y
-
Y
AP64350Q
3.8
– 40 0.8 - V
IN
3.5
75 / 45
100 - 2200
22
Y
Y
Y
-
-40 to +125
1
SO-8EP
AP64351Q
570
-
-
Y
Y
AP64352Q
100 - 2200
Y
Y
-
Y
AP64500Q
3.8
– 40 0.8 - V
IN
5.0
45 / 20
100 - 2200
25
Y
Y
Y
-
-40 to +125
1
SO-8EP
AP64501Q
570
-
-
Y
Y
AP64502Q
100 - 2200
Y
Y
-
Y
Orderable Device
Compliance
Package
Code
Package
Moisture
Sensitivity
Reel Size
Tape Width
Quantity
AP64100QSP-13
Automotive
SP
SO-8EP
MSL-1
13 inches
12 mm
4,000
AP64102QSP-13
Automotive
SP
SO-8EP
MSL-1
13 inches
12 mm
4,000
AP64200QSP-13
Automotive
SP
SO-8EP
MSL-1
13 inches
12 mm
4,000
AP64202QSP-13
Automotive
SP
SO-8EP
MSL-1
13 inches
12 mm
4,000
PFM Operation for
Improved Light Load High Efficiency
AP64100Q/AP64102Q
AP64200Q/AP64202Q



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com