Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSAU200 Datasheet(PDF) 2 Page - Minmax Technology Co., Ltd.

Part # MSAU200
Description  1W, Miniature SMD, Dual Output DC/DC Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MSAU200 Datasheet(HTML) 2 Page - Minmax Technology Co., Ltd.

  MSAU200 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MSAU200 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MSAU200 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MSAU200 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MSAU200 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MSAU200 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MSAU200 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MSAU200 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
80
5
103
{0.7
{33
{15
MSAU214
80
5
105
{0.8
{42
{12
MSAU213
76
8
109
{1
{55
{9
MSAU212
75
8
15
111
{2
{100
{5
12
( 10.8 ~ 13.2 )
MSAU211
79
7
251
{0.7
{33
{15
MSAU204
79
8
255
{0.8
{42
{12
MSAU203
76
10
260
{1
{55
{9
MSAU202
75
10
30
267
{2
{100
{5
5
( 4.5 ~ 5.5 )
MSAU201
% (Typ.)
% (Max.)
mA (Typ.)
mA (Typ.)
mA
mA
VDC
VDC
@Max. Load
@No Load
@Max. Load
Min.
Max.
Efficiency
Load
Regulation
Input Current
Output Current
Output
Voltage
Input
Voltage
Model
Number
Model Selection Guide
Free-Air Convection
Cooling
%
95
---
Humidity
]
+125
-40
Storage Temperature
]
+90
-40
Case
Operating Temperature
]
+85
-40
Ambient
Operating Temperature
Unit
Max.
Min.
Conditions
Parameter
Environmental Specifications
Exceeding the absolute maximum ratings of the unit could cause damage.
These are not continuous operating ratings.
mW
450
---
Internal Power Dissipation
]
260
---
Lead Temperature (1.5mm from case for 10 Sec.)
VDC
18
-0.7
12VDC Input Models
VDC
9
-0.7
5VDC Input Models
Input Surge Voltage
( 1000 mS )
Unit
Max.
Min.
Parameter
Notes :
1. Specifications typical at Ta=+25], resistive load,
nominal input voltage, rated output current unless
otherwise noted.
2. Ripple & Noise measurement bandwidth is 0-20
MHz.
3. These power converters require a minimum
output loading to maintain specified regulation.
4. Operation under no-load conditions will not
damage these modules; however, they may not
meet all specifications listed.
5. All DC/DC converters should be externally fused at
the front end for protection.
6. Other input and output voltage may be available,
please contact factory.
7. Specifications subject to change without notice.
Absolute Maximum Ratings
Internal Capacitor
Input Filter
A
0.3
---
---
All Models
Reverse Polarity Input Current
13.2
12
10.8
12V Input Models
VDC
5.5
5
4.5
5V Input Models
Input Voltage Range
Unit
Max.
Typ.
Min.
Model
Parameter
Input Specifications
MSAU200 Series
2
MINMAX
REV:0 2005/04



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com