Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPD1016LEVB01 Datasheet(PDF) 17 Page - Qorvo, Inc

Part # QPD1016LEVB01
Description  DC – 1.7 GHz, 50 V, 500 W GaN RF Transistor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPD1016LEVB01 Datasheet(HTML) 17 Page - Qorvo, Inc

Back Button QPD1016LEVB01 Datasheet HTML 13Page - Qorvo, Inc QPD1016LEVB01 Datasheet HTML 14Page - Qorvo, Inc QPD1016LEVB01 Datasheet HTML 15Page - Qorvo, Inc QPD1016LEVB01 Datasheet HTML 16Page - Qorvo, Inc QPD1016LEVB01 Datasheet HTML 17Page - Qorvo, Inc QPD1016LEVB01 Datasheet HTML 18Page - Qorvo, Inc QPD1016LEVB01 Datasheet HTML 19Page - Qorvo, Inc QPD1016LEVB01 Datasheet HTML 20Page - Qorvo, Inc QPD1016LEVB01 Datasheet HTML 21Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
QPD1016L
DC
– 1.7 GHz, 50 V, 500 W GaN RF Transistor
Datasheet Rev. A, September 2020 | Subject to change without notice
- 17 of 23 -
www.qorvo.com
Maximum Gate Current
30
40
50
60
70
80
90
100
110
120
130
140
150
160
170
180
190
200
210
220
230
120
130
140
150
160
170
180
190
200
210
220
230
Channel Temperature [°C]
Maximum Gate Current Vs. IR Surface Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com