Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS3000-1015 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # FS3000-1015
Description  Air Velocity Sensor Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FS3000-1015 Datasheet(HTML) 3 Page - Renesas Technology Corp

  FS3000-1015 Datasheet HTML 1Page - Renesas Technology Corp FS3000-1015 Datasheet HTML 2Page - Renesas Technology Corp FS3000-1015 Datasheet HTML 3Page - Renesas Technology Corp FS3000-1015 Datasheet HTML 4Page - Renesas Technology Corp FS3000-1015 Datasheet HTML 5Page - Renesas Technology Corp FS3000-1015 Datasheet HTML 6Page - Renesas Technology Corp FS3000-1015 Datasheet HTML 7Page - Renesas Technology Corp FS3000-1015 Datasheet HTML 8Page - Renesas Technology Corp FS3000-1015 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
FS3000 Datasheet
R36DS0009EU0100 Rev.1.00
May 31, 2022
Page 3
1.
Pin Information
1.1
Pin Assignments
1.2
Pin Descriptions
Table 1. Pin Descriptions
Pin Number
Pin Name
Type
Description
1
VREG
Input
ADC reference input.
2
VIN
Input
Supply voltage.
3
GND
Ground
Ground.
4
-
-
Do not connect.
5
-
-
Do not connect.
6
SDA
Input/Output
Serial data.
7
SCL
Input
Serial clock.
8
TP1
Input/Output
Connect with capacitor.
9
TP2
Input/Output
Connect with capacitor.
10
VCM
Output
Common bias.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com