Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPW1027 Datasheet(PDF) 8 Page - Minmax Technology Co., Ltd.

Part # MPW1027
Description  25-30W, Wide Input Range, Single & Dual Output DC/DC Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MPW1027 Datasheet(HTML) 8 Page - Minmax Technology Co., Ltd.

  MPW1027 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MPW1027 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MPW1027 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MPW1027 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MPW1027 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MPW1027 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MPW1027 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MPW1027 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
The MPW1000 converter is encapsulated in a low thermal resistance molding compound that has excellent resistance/electrical
characteristics over a wide temperature range or in high humidity environments.
The encapsulant and unit case are both rated to UL 94V-0 flammability specifications.
Leads are tin plated for improved solderability.
UL94V-0
:
Flammability
Trim
Trim
8
-Vout
-Vout
7
48g
:
Weight
Common
+Vout
6
+Vout
No Pin
5
Metal With Non-Conductive Baseplate
:
Case Material
Remote On/Off
Remote On/Off
4
-Vin
-Vin
2
2.0*1.6*0.37 inches
+Vin
+Vin
1
50.8*40.6*9.3 mm
:
Case Size
Dual Output
Single Output
Pin
Physical Characteristics
Pin Connections
{0.002
{0.05
Pin
X.XXX{0.005
X.XX{0.13
X.XX{0.01
X.X{0.25
Inches
Millimeters
Tolerance
Dual Output
Single Output
9.3[0.37]
6.0 [0.24]
2
1
6
7
Bottom
Side
8
4
7.6 [0.30]
5
40.6 [1.60]
10.20 [0.402] 10.20 [0.402] 10.20 [0.402]
5.0 [0.20]
5.10 [0.201]
Connecting Pin Patterns
Bottom View ( 2.54 mm / 0.1 inch grids )
Mechanical Dimensions
MPW1000 Series
8
MINMAX
REV:0 2005/04



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com