Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S215R Datasheet(PDF) 3 Page - Minmax Technology Co., Ltd.

Part # S215R
Description  2W, Low Cost DIP, Single & Dual Output DC/DC Converters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

S215R Datasheet(HTML) 3 Page - Minmax Technology Co., Ltd.

  S215R Datasheet HTML 1Page - Minmax Technology Co., Ltd. S215R Datasheet HTML 2Page - Minmax Technology Co., Ltd. S215R Datasheet HTML 3Page - Minmax Technology Co., Ltd. S215R Datasheet HTML 4Page - Minmax Technology Co., Ltd. S215R Datasheet HTML 5Page - Minmax Technology Co., Ltd. S215R Datasheet HTML 6Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
K Hours
---
---
800
MIL-HDBK-217F @ 25], Ground Benign
MTBF
KHz
---
80
40
Switching Frequency
pF
150
100
---
100KHz,1V
Isolation Capacitance
M[
---
---
1000
500VDC
Isolation Resistance
VDC
---
---
550
Flash Tested for 1 Second
Isolation Test Voltage
VDC
---
---
500
60 Seconds
Isolation Voltage Rated
Unit
Max.
Typ.
Min.
Conditions
Parameter
General Specifications
Continuous
Output Short Circuit
%/]
{0.02
{0.01
---
Temperature Coefficient
%
{6
---
---
Transient Response Deviation
uS
50
---
---
50% Load Step Change
Transient Recovery Time
%
---
---
120
Over Load
mV rms
5
---
---
Ripple & Noise (20MHz)
mV P-P
75
---
---
Over Line, Load & Temp.
Ripple & Noise (20MHz)
mV P-P
50
40
---
Ripple & Noise (20MHz)
%
{0.5
{0.2
---
Io=10% to 100%
Load Regulation
%
{0.5
{0.2
---
Vin=Min. to Max.
Line Regulation
%
{3.0
{1.0
---
Dual Output, Balanced Loads
Output Voltage Balance
%
{4.0
{2.0
---
Output Voltage Accuracy
Unit
Max.
Typ.
Min.
Conditions
Parameter
Output Specifications
Pi Filter
Input Filter
mW
2000
---
---
Short Circuit Input Power
A
0.5
---
---
All Models
Reverse Polarity Input Current
52.8
48
43.2
48V Input Models
26.4
24
21.6
24V Input Models
13.2
12
10.8
12V Input Models
VDC
5.5
5
4.5
5V Input Models
Input Voltage Range
Unit
Max.
Typ.
Min.
Model
Parameter
Input Specifications
# For each output
uF
220
220
470
470
470
Maximum Capacitive Load
Unit
{15V #
{12V #
15V
12V
5V
Models by Vout
Capacitive Load
135mA Slow - Blow Type
350mA Slow - Blow Type
700mA Slow - Blow Type
1500mA Slow - Blow Type
48V Input Models
24V Input Models
12V Input Models
5V Input Models
Input Fuse Selection Guide
S200R Series
REV:0 2005/04
MINMAX
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com