Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2011 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 2011
Description  2011 Series - Fast Acting GDT Surge Arrestor with FLAT® Technology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2011 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  2011 Datasheet HTML 1Page - Bourns Electronic Solutions 2011 Datasheet HTML 2Page - Bourns Electronic Solutions 2011 Datasheet HTML 3Page - Bourns Electronic Solutions 2011 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2011 Series - Fast Acting GDT Surge Arrestor with FLAT® Technology
11-230
3518
Features
■
Bourns® FLAT® GDT technology
■
Improved impulse performance
■
Flexible mounting options
■
Stable breakdown throughout life
■
Volume- and space-saving design
■
UL Recognized
■
RoHS compliant* and halogen free**
Applications
■
Telecommunications
■
Industrial Communications
■
Surge Protective Devices
■
High density PCB assemblies
Additional Information
Click these links for more information:
PRODUCT
SELECTOR
TECHNICAL
LIBRARY
INVENTORY SAMPLES
CONTACT
Description
Bourns sets a new industry standard by offering this fast acting 2-electrode Gas
Discharge Tube (GDT) in an innovative flat package design. The Model 2011 Series
with FLAT® Technology provides a volume and space-saving solution for high density
and space-restricted PCB applications.
Characteristics
Test Methods per ITU-T (CCITT) K.12 and IEC 61643-311
Characteristic
Model No.
2011-15
Minimum / Maximum DC Sparkover (100 V/s)
Throughout Service Life
60 V / 350 V
Maximum Impulse Sparkover (5 kV 1.2/50 μs)
Throughout Service Life
650 V
Insulation Resistance (IR) ..................50 V ........................................................................................ >10 megohms
Capacitance........................................1 MHz ..................................................................................... < 2.9 pF
Service Life.........................................8/20 μs, 1000 A....................................................................... 2 operations
2/10 μs, 5 kV, 500 A................................................................ 20 operations
600 Vrms, 1 A, 0.2 s ............................................................... 5 operations
Operating Temperature....................................................................................................................... -40 to +90 °C
Storage Temperature.......................................................................................................................... -40 to +90 °C
Climatic Category (IEC 60068-1)........................................................................................................ 40/90/21
Moisture Sensitivity Level ................................................................................................................... 1
ESD Classification (HBM)................................................................................................................... N/A
Notes:
UL Recognized component, UL File E153537
Surge polarity should be reversed between consecutive surges (+-+-)
At delivery AQL 0.65 Level II, DIN ISO2859
Bourns recommends reflowing surface mount devices per IPC/JEDEC J-STD-020 rev D
* RoHS Directive 2015/863, Mar 31, 2015 and Annex.
** Bourns considers a product to be “halogen free” if (a) the Bromine (Br) content is 900 ppm or less; (b) the Chlorine
(Cl) content is 900 ppm or less; and (c) the total Bromine (Br) and Chlorine (Cl) content is 1500 ppm or less.
“FLAT” is a registered trademark of Bourns, Inc. in the U.S. and other countries.
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of
this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
How to Order
2011 - 15 - SMH - RP LF
Series Designator
2011 = Fast Acting 2-Electrode GDT with FLAT® Technology
Voltage (Divided by 10)
15 = 150 V
Configuration
SMH = Horizontal Mount SMD
Packaging
RP = Reelpack (Standard)
Blank = Cut Tape
RoHS Compliancy
LF = RoHS Compliant Product
Asia-Pacific:
Tel: +886-2 2562-4117
Email: asiacus@bourns.com
EMEA:
Tel: +36 88 885 877
Email: eurocus@bourns.com
The Americas:
Tel: +1-951 781-5500
Email: americus@bourns.com
www.bourns.com
WARNING
Cancer and Reproductive Harm
www.P65Warnings.ca.gov


Similar Part No. - 2011

ManufacturerPart #DatasheetDescription
logo
Heyco.
2011 HEYCO-2011 Datasheet
133Kb / 1P
Snap Bushings
logo
Aptiv
2011 0,35 / 15305351 APTIV-2011 0,35 / 15305351 Datasheet
149Kb / 12P
Crimp Information Sheet
2014-03-04
logo
Samsung semiconductor
2011-000002 SAMSUNG-2011-000002 Datasheet
1Mb / 43P
Color Monitor
September 1999
logo
Multicomp Pro
2011-100G-565 MULTICOMP-2011-100G-565 Datasheet
31Kb / 2P
0.8mm Header - 5.65mm Profile Height
01/12/08 REV A
2011-40G-565 MULTICOMP-2011-40G-565 Datasheet
31Kb / 2P
0.8mm Header - 5.65mm Profile Height
01/12/08 REV A
More results

Similar Description - 2011

ManufacturerPart #DatasheetDescription
logo
Littelfuse
202 LITTELFUSE-202 Datasheet
40Kb / 1P
FLAT-PAK Fast Acting Fuse202 Series
logo
LUMEX INC.
GT-BG800L LUMEX-GT-BG800L Datasheet
56Kb / 1P
AXIAL LEADED, SURGE ARRESTOR
logo
Solid States Devices, I...
T00010 SSDI-T00010_15 Datasheet
50Kb / 1P
SURGE ARRESTOR MODULE
logo
Bourns Electronic Solut...
2017-09 BOURNS-2017-09 Datasheet
594Kb / 3P
Gas Discharge Tube Surge Arrestor with FLAT짰 Technology
2017-09-A-RPLF BOURNS-2017-09-A-RPLF Datasheet
534Kb / 3P
Gas Discharge Tube Surge Arrestor with FLAT Technology
2020-15T BOURNS-2020-15T Datasheet
409Kb / 4P
Fast Acting 3-Electrode Miniature GDT
logo
Red Lion Controls. Inc
NTSA-CAT5E REDLION-NTSA-CAT5E Datasheet
620Kb / 2P
Surge Arrestor
logo
Bourns Electronic Solut...
2018-09 BOURNS-2018-09 Datasheet
347Kb / 3P
Gas Discharge Tube Surge Arrestor with FLAT Technology
2018 BOURNS-2018 Datasheet
586Kb / 4P
Gas Discharge Tube Surge Arrestor with FLAT Technology
2019 BOURNS-2019 Datasheet
590Kb / 4P
Gas Discharge Tube Surge Arrestor with FLAT Technology
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com