Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S2E03 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part # S2E03
Description  1.5W, Ultra-High Isolation DIP, Single & Dual Output DC/DC Converters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

S2E03 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  S2E03 Datasheet HTML 1Page - Minmax Technology Co., Ltd. S2E03 Datasheet HTML 2Page - Minmax Technology Co., Ltd. S2E03 Datasheet HTML 3Page - Minmax Technology Co., Ltd. S2E03 Datasheet HTML 4Page - Minmax Technology Co., Ltd. S2E03 Datasheet HTML 5Page - Minmax Technology Co., Ltd. S2E03 Datasheet HTML 6Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Dual Output
+Vo
Bipolar
Push-Pull
Inverter
+Vin
-Vin
Com.
-Vo
LC
Filter
Single Output
+Vo
Bipolar
Push-Pull
Inverter
+Vin
-Vin
-Vo
LC
Filter
Block Diagram
Low Noise
I/O Isolation
8000
VDC
Low Cost
$
Minmax's S2E00 Model 1.5W DC/DC's are specially
designed to provide 30mA output ripple, continuous short
circuit in a low-profile 24-pin DIP package.
The series consists of 18 models with input voltages of
5V, 12V and 15VDC which offers regulated output voltages of
5V, 12V, 15V, {5V, {12V and {15VDC.
The -40] to +85] operating temperature range makes
it ideal for data communication equipments, mobile battery
driven equipments,distributed power systems,
telecommunication equipments, mixed analog/digital
subsystems, automatic test instrumentation and industrial
robot systems.
Meets EN60950 and EN60601-1
Low Leakage Current
Low Isolation Capacitance
Temperature Performance -40] to +85]
Output 5, 12, 15, {5, {12 and {15VDC
Input 5, 12 and 15VDC
30mV P-P Ripple and Noise
MTBF > 2,000,000 Hours
8000VDC Isolation
Low Cost
Key Features
1.5W, Ultra-High Isolation DIP, Single & Dual Output DC/DC Converters
S2E00 Series
REV:0 2005/04
MINMAX
1


Similar Part No. - S2E03

ManufacturerPart #DatasheetDescription
logo
ebm-papst
S2E200-BF02-01 EBMPAPST-S2E200-BF02-01 Datasheet
459Kb / 10P
AC axial fans
S2E200-BF02-2 EBMPAPST-S2E200-BF02-2 Datasheet
459Kb / 10P
AC axial fans
S2E250-BE65-01 EBMPAPST-S2E250-BE65-01 Datasheet
459Kb / 10P
AC axial fans
S2E250-BE65-02 EBMPAPST-S2E250-BE65-02 Datasheet
459Kb / 10P
AC axial fans
S2E300-BC47-01 EBMPAPST-S2E300-BC47-01 Datasheet
459Kb / 10P
AC axial fans
More results

Similar Description - S2E03

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MAU400 TOTAL-POWER-MAU400 Datasheet
338Kb / 6P
1W, Ultra High Isolation SIP SINGLE AND DUAL OUTPUT DC/DC Converters
logo
Minmax Technology Co., ...
MIR500 MINMAX-MIR500 Datasheet
236Kb / 6P
2W, Ultra-High Isolation DIP, Single & Dual Output DC/DC Converters
S2D00R MINMAX-S2D00R Datasheet
224Kb / 6P
2-3W, High Isolation DIP, Single & Dual Output DC/DC Converters
MDHU100 MINMAX-MDHU100 Datasheet
172Kb / 7P
2W, Ultra-High Isolation DIP, Single & Dual Output DC/DC Converters
MIHW3000 MINMAX-MIHW3000 Datasheet
173Kb / 8P
5-6W, Ultra-High Isolation DIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
A100ERU MPD-A100ERU Datasheet
211Kb / 2P
Single & Dual Output, 1.5W Ultra-Wide Input Range DC/DC Converters
A100HI MPD-A100HI Datasheet
202Kb / 2P
Ultra-High Isolation, 1.5W Single & Dual Output DC/DC Converters
logo
MPS Industries, Inc.
ADC400 MPSIND-ADC400 Datasheet
171Kb / 2P
1W, Ultra-High Isolation SIP, Single & Dual Output DC/DC Converters
logo
Microdc power Technolog...
B-XD-1W5 MICRODC-B-XD-1W5 Datasheet
848Kb / 3P
Isolated 1.5W Single Output DC-DC Converters
3RB-XD MICRODC-3RB-XD Datasheet
459Kb / 2P
Isolated 1.5W Single Output DC-DC Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com