Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA4M2 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # RA4M2
Description  Leading-performance 100 MHz Arm Cortex-M33 core, up to 512 KB code flash memory with background operation, 8 KB Data flash memory, and 128 KB SRAM with Parity/ECC.
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4M2 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button RA4M2 Datasheet HTML 12Page - Renesas Technology Corp RA4M2 Datasheet HTML 13Page - Renesas Technology Corp RA4M2 Datasheet HTML 14Page - Renesas Technology Corp RA4M2 Datasheet HTML 15Page - Renesas Technology Corp RA4M2 Datasheet HTML 16Page - Renesas Technology Corp RA4M2 Datasheet HTML 17Page - Renesas Technology Corp RA4M2 Datasheet HTML 18Page - Renesas Technology Corp RA4M2 Datasheet HTML 19Page - Renesas Technology Corp RA4M2 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 92 page
background image
1.7
Pin Lists
Table 1.15
Pin list (1 of 3)
Power, System,
Clock, Debug,
CAC
I/O
ports
Ex. Interrupt SCI/IIC/SPI/CAN/USBFS/QSPI/SSIE/SDHI/MMC
GPT/AGT/RTC
ADC12/DAC12 CTSU
1
1
P400
IRQ0
SCK4/SCL0_A/AUDIO_CLK
GTIOC6A/AGTIO1
2
2
P401
IRQ5-DS
CTS4_RTS4/SS4/SDA0_A/CTX0
GTETRGA/GTIOC6B
3
3
1
CACREF
P402
IRQ4-DS
CTS4/CRX0/AUDIO_CLK
AGTIO0/AGTIO1/AGTIO2/AGTIO3/
RTCIC0
4
P403
IRQ14-DS
SSIBCK0_A
GTIOC3A/AGTIO0/AGTIO1/AGTIO2/
AGTIO3/RTCIC1
5
P404
IRQ15-DS
SSILRCK0/SSIFS0_A
GTIOC3B/AGTIO0/AGTIO1/AGTIO2/
AGTIO3/RTCIC2
6
P405
SSITXD0_A
GTIOC1A
7
P406
SSIRXD0_A
GTIOC1B/AGTO5
8
4
2
VBATT
9
5
3
VCL
10
6
4
XCIN
11
7
5
XCOUT
12
8
6
VSS
13
9
7
XTAL
P213
IRQ2
TXD1/MOSI1/SDA1/TXDX1/SIOX1
GTETRGC/GTIOC0A/AGTEE2
14
10
8
EXTAL
P212
IRQ3
RXD1/MISO1/SCL1/RXDX1
GTETRGD/GTIOC0B/AGTEE1
15
11
9
VCC
16
CACREF
P708
IRQ11
RXD1/MISO1/SCL1/RXDX1/AUDIO_CLK
TS12
17
P415
IRQ8
USB_VBUSEN/SD0CD
GTIOC0A/AGTIO4
TS11
18
P414
IRQ9
CTS0/SD0WP
GTIOC0B/AGTIO5
TS10
19
P413
CTS0_RTS0/SS0/SD0CLK_A
GTOUUP/AGTEE3
TS09
20
P412
SCK0/CTS3/SD0CMD_A
GTOULO/AGTEE1
TS08
21
12
P411
IRQ4
TXD0/MOSI0/SDA0/CTS3_RTS3/SS3/SD0DAT0_A
GTOVUP/AGTOA1
TS07
22
13
P410
IRQ5
RXD0/MISO0/SCL0/SCK3/SD0DAT1_A
GTOVLO/AGTOB1
TS06
23
14
10
P409
IRQ6
TXD3/MOSI3/SDA3/USB_EXICEN
GTOWUP/AGTOA2
TS05
24
15
11
P408
IRQ7
CTS4/RXD3/MISO3/SCL3/SCL0_B/USB_ID
GTOWLO/GTIOC6B/AGTOB2
TS04
25
16
12
P407
CTS4_RTS4/SS4/SDA0_B/USB_VBUS
GTIOC6A/AGTIO0/RTCOUT
ADTRG0
TS03
26
17
13
VSS_USB
27
18
14
USB_DM
28
19
15
USB_DP
29
20
16
VCC_USB
30
21
17
P207
TXD4/MOSI4/SDA4/QSSL
TSCAP
31
22
18
P206
IRQ0-DS
RXD4/MISO4/SCL4/CTS9/SDA1_B/USB_VBUSEN/
SD0DAT2_A
GTIU
TS02
32
23
CLKOUT
P205
IRQ1-DS
TXD4/MOSI4/SDA4/CTS9_RTS9/SS9/SCL1_B/
USB_OVRCURA-DS/SD0DAT3_A
GTIV/GTIOC4A/AGTO1
TS01
33
TCLK
P214
QSPCLK/SD0CLK_B
GTIU/AGTO5
34
TDATA0
P211
QIO0/SD0CMD_B
GTIV/AGTOA5
35
TDATA1
P210
QIO1/SD0CD
GTIW/AGTOB5
36
TDATA2
P209
QIO2/SD0WP
GTOVUP/AGTEE5
37
24
TDATA3
P208
QIO3/SD0DAT0_B
GTOVLO
38
25
19
RES
39
26
20
MD
P201
40
27
21
P200
NMI
41
P307
QIO0
GTOUUP/AGTEE4
42
P306
QSSL
GTOULO/AGTOA2
43
P305
IRQ8
QSPCLK
GTOWUP/AGTOB2
44
28
P304
IRQ9
GTOWLO/GTIOC7A/AGTEE2
RA4M2 Datasheet
1. Overview
R01DS0367EJ0110 Rev.1.10
Jan 27, 2021
Page 16 of 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com