Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6CB332001A Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PI6CB332001A
Description  Twenty-Output PCIe 4.0 and 5.0 Buffer for Server and Data-Center Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI6CB332001A Datasheet(HTML) 1 Page - Diodes Incorporated

  PI6CB332001A Datasheet HTML 1Page - Diodes Incorporated PI6CB332001A Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
diodes.com
Announcement
New Product
The DIODES™ Advantage
The DIODES™ PI6CB332001A is a 20-
output, low-power, PCIe 4.0 and 5.0
clock buffer capable of distributing
reference clocks for PCIe®, UPI, SAS,
SATA, and other interfaces.
The device takes a reference input and
provides fanout for twenty 100MHz-
differential HCSL outputs with on-chip
terminations. This in turn saves up to 80
external resistors.
With a very low additive jitter and a
small size, the device is an ideal
solution for server, high-performance
computing (HPC), and data-center
applications.
The PI6CB332001A is packaged in the
small-footprint 80-aQFN (6mm x 6mm)
package.
Twenty-Output PCIe 4.0 and 5.0 Buffer for
Server and Data-Center Applications
PI6CB332001A
Intel DB2000QL-Compliant Clock Buffer
Follows Intel® DB2000QL pinout/function definition;
Intel P/N: K20599-009;
Supports ultra-low jitter to meet PCIe 4.0 & 5.0 requirements
with a small 6x6mm package
On-Chip Termination Saves Up to 80 External Resistors
Reduces bill-of-materials (BOM) cost, saves board space,
and simplifies PCB layout
Very Low Additive Jitter: DB2000Q <30fs RMS
Provides jitter margin for system designs
Power-Down-Tolerant OE Pins
Allows the OE pins to be driven by external signals when
the device is in a power-down or reset condition
Applications
Servers
Data centers
High-performance computing (HPC) devices
June 2022
The Diodes logo is a registered trademark of Diodes
Incorporated in the United States and other countries.
DIODES is a trademark of Diodes Incorporated in the
United States and other countries.
© 2022 Copyright Diodes Incorporated. All Rights
Reserved.
All other trademarks are the property of their respective
owners.


Similar Part No. - PI6CB332001A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI6CB332000 DIODES-PI6CB332000 Datasheet
1Mb / 21P
20-Output PCIe 4.0/5.0/6.0 Clock Buffer With On-Chip Termination
Rev 7-2 June 2024
PI6CB332002 DIODES-PI6CB332002 Datasheet
506Kb / 2P
4- and 2-Output Clock Mux-Buffers with Low Jitter Enhance Performance in PCIe® 6.0 Systems
October 2025
PI6CB332002ZNAEX DIODES-PI6CB332002ZNAEX Datasheet
506Kb / 2P
4- and 2-Output Clock Mux-Buffers with Low Jitter Enhance Performance in PCIe® 6.0 Systems
October 2025
PI6CB332004A DIODES-PI6CB332004A Datasheet
383Kb / 2P
Low Jitter 20-, 16-, 13-, 12-, 8- and 4-Output Clock Buffers Enhance Performance in PCIe® 6.0 Systems
February 2025
PI6CB332004A DIODES-PI6CB332004A Datasheet
506Kb / 2P
4- and 2-Output Clock Mux-Buffers with Low Jitter Enhance Performance in PCIe® 6.0 Systems
October 2025
More results

Similar Description - PI6CB332001A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TUD4010 ETC-TUD4010 Datasheet
576Kb / 3P
The high performanceblade server for enterprise,data center and HPC applications
logo
Integrated Device Techn...
9DB1904B IDT-9DB1904B Datasheet
179Kb / 18P
19 Output Differential Buffer for PCIe Gen2 and QPI
logo
Silicon Laboratories
SI53019-A02A SILABS-SI53019-A02A Datasheet
1Mb / 37P
19-OUTPUT PCIE GEN3 AND QPI BUFFER
logo
Diodes Incorporated
PI6CG330440 DIODES-PI6CG330440 Datasheet
796Kb / 2P
19-Output PCIe 5.0 Clock Generator for Server and Data-Center Applications
PI6CBE33045 DIODES-PI6CBE33045 Datasheet
924Kb / 21P
Low-Power 4-Output ZDB / Fanout Clock Buffer for PCIe 5.0 and UPI
Rev 2 - 2 June 2022
PI6CBE33065 DIODES-PI6CBE33065 Datasheet
980Kb / 21P
Low-Power 6-Output ZDB / Fanout Clock Buffer for PCIe 5.0 and UPI
Rev 2 - 2 June 2022
PI6CBE33085 DIODES-PI6CBE33085 Datasheet
997Kb / 22P
Low-Power 8-Output ZDB / Fanout Clock Buffer for PCIe 5.0 and UPI
Rev 2 - 2 June 2022
PI6CBE33125 DIODES-PI6CBE33125 Datasheet
972Kb / 22P
Low-Power 12-Output ZDB / Fanout Clock Buffer for PCIe 5.0 and UPI
Rev 2 - 2 June 2022
logo
Renesas Technology Corp
9DB1904B RENESAS-9DB1904B Datasheet
318Kb / 19P
19 Output Differential Buffer for PCIe Gen2 and QPI
04/19/11
ICS9DB803D RENESAS-ICS9DB803D Datasheet
458Kb / 23P
EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1 AND GEN2
2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com