Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6CB33802 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PI6CB33802
Description  Twenty-Output PCIe 4.0 and 5.0 Buffer for Server and Data-Center Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI6CB33802 Datasheet(HTML) 2 Page - Diodes Incorporated

  PI6CB33802 Datasheet HTML 1Page - Diodes Incorporated PI6CB33802 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Announcement
New Product
diodes.com
Typical Application
Product Portfolio
Ordering Information
June 2022
Part Number
Number
of Outputs
Output
Impedance
Voltage
Support
Package
PI6CB332001A
20
85Ω
3.3V
80-aQFN (6mm x 6mm)
PI6CB33201
2
85Ω
3.3V
24-TQFN (4mm x 4mm)
PI6CB33202
2
100
Ω
3.3V
24-TQFN (4mm x 4mm)
PI6CB33401
4
85Ω
3.3V
32-TQFN (5mm x 5 mm)
PI6CB33402
4
100
Ω
3.3V
32-TQFN (5mm x 5 mm)
PI6CB33601
6
85Ω
3.3V
40-TQFN (5mm x 5 mm)
PI6CB33602
6
100
Ω
3.3V
40-TQFN (5mm x 5 mm)
PI6CB33801
8
85Ω
3.3V
48-TQFN (6mm x 6 mm)
PI6CB33802
8
100
Ω
3.3V
48-TQFN (mm6 x 6 mm)
Orderable Part Number
Family
Package Code
MOQ
PI6CB332001AZXBIEX
Clock Buffer
ZXB
3,000
PI6CB332001A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com