Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSD Datasheet(PDF) 1 Page - Samtec, Inc

Part # MMSD
Description  (2.54 mm) .100
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

MMSD Datasheet(HTML) 1 Page - Samtec, Inc

  MMSD Datasheet HTML 1Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SERIES
- PINSPER
ROW
- WIRE
GAUGE
- PLATING
OPTION
- ASSEMBLY
LENGTH
- END
OPTION
- K - LATCHOPTION
MMSD
= Double Row
PVC Cable
MMSDT
= Double Row
Blue *Teflon® Cable
(20, 24, 28, 30 AWG only)
MMSS
= Single Row
PVC Cable
MMSST
= Single Row
Blue *Teflon® Cable
(20, 24, 28, 30 AWG only)
–02, –03,
–04, –05,
–06, –08,
–10, –12,
–15, –16,
–20, –25
(Standard
sizes)
–20
–20C
= Color
Coded Cable
(MMSD &
MMSS only)
–22, –24
–24C
= Color
Coded Cable
(MMSD &
MMSS only)
–26, –28
–28C
= Color
Coded Cable
(MMSD &
MMSS only)
–30
–L
= 10 µ"
(0.25 µm)
Gold on
contact,
Tin on tail
–“XX.XX”
= Assembly
Length in
Inches
(82.55 mm)
03.25" min.
–S
= Single
Ended
–D
= Double
Ended
(Latch
Required)
–K
= Keyed
Polarization
(Metal latches for more
rugged environments;
–02, –05 & –10 positions only)
–M
= Single Ended, Metal Latches
(Leave blank for plastic)
Double Ended (–D) Crossed
requires MMSD/MMSDT
–LUS
= Plastic Latch up, straight
–LDS
= Plastic Latch down, straight
–LUX
= Plastic Latch up, crossed
–LDX
= Plastic Latch down, crossed
–MUS
= Metal Latch up, straight
–MDS
= Metal Latch down, straight
–MUX
= Metal Latch up, crossed
–MDX
= Metal Latch down, crossed
(2.54 mm) .100" PITCH • DISCRETE WIRE CABLE & COMPONENTS
View complete specifications at:
samtec.com?MMSD, samtec.com?MMSDT, samtec.com?MMSS & samtec.com?MMSST
MMSD, MMSDT,
MMSS, MMSST
Board Mates:
IPL1
(Does not mate with IPT1)
Cable Mates:
MMTD(T), MMTS(T)
(17.93)
.706
(12.83)
.505
IPD1
- POSITIONS
PER ROW
- ROW
OPTION
- K - LATCH
OPTION
–02, –03, –04,
–05, –06, –08,
–10, –12, –15,
–16, –20, –25
(Standard sizes)
–S
= Single
Row
–D
= Double
Row
–K
= Keyed
Polarization
–M
= Metal Latch
(Metal for
more rugged
environments)
(–02, –05 & –10
positions only)
(Leave blank for
plastic latch)
–D
–S
–M
Assembly
Length
± (3.18)
.125
No. of positions
x (2.54) .100
+ (1.40) .055
(8.97)
.353
–20C, –24C, –28C
CABLE COLOR CODING
PIN
COLOR
1
BROWN
2
RED
3
ORANGE
4
YELLOW
5
GREEN
6
BLUE
7
VIOLET
8
GRAY
9
WHITE
10
BLACK
ETC
REPEAT
* Dupont™ Teflon® is a
registered trademark of
E.I. du Pont de Nemours and
Company or its affiliates.
Teflon® cable is intended for
crimp only. Contact Samtec for
solderable cable applications.
Not:
Some lengths, styles and
options are non-standard,
non-returnable.
Unless otherwise approved in writing by Samtec, all parts and components are designed and built according to Samtec’s specifications which are subject to change without notice.
View complete specifications at:
samtec.com?IPD1, samtec.com?CC79L & samtec.com?CC79R
SERIES
- WIRE
GAUGE
- 01 - PLATING
OPTION
CC79L
= Contact, Loose
CC79R
= Contact, Full Reel
(12,000 Parts per
Reel)
–2630
= 26 to 30 AWG
–2024
= 20 to 24 AWG
–L
= 10 µ"
(0.25 µm)
Gold on
contact,
Tin on tail
TOOLING
Hand Tool: CAT-HT-179-2030-13 (20-30 AWG)
Mini Applicator: CAT-MC-179-2024-XX-01 (20-24 AWG)
Mini Applicator: CAT-MC-179-2630 XX-01 (26-30 AWG)
Extraction Tool: CAT-EX-179-01
F-221 (Rev 21DEC21)
samtec.com/minimate


Similar Part No. - MMSD

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
MMSD-06-20-L-03.25 SAMTEC-MMSD-06-20-L-03.25 Datasheet
224Kb / 1P
MINI MATE짰 CABLE ASSEMBLY
logo
Motorola, Inc
MMSD1000LT1 MOTOROLA-MMSD1000LT1 Datasheet
171Kb / 8P
Switching Diode
logo
Galaxy Semi-Conductor H...
MMSD103 BILIN-MMSD103 Datasheet
170Kb / 3P
High Voltage switching Diode
Rev.A
logo
Shenzhen Luguang Electr...
MMSD103 LUGUANG-MMSD103 Datasheet
229Kb / 2P
High Voltage Switching Diodes
logo
Microdiode Semiconducto...
MMSD103 CHENDA-MMSD103 Datasheet
347Kb / 3P
High Voltage switching Diode
More results

Similar Description - MMSD

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
BHR50VU ADAM-TECH-BHR50VU Datasheet
122Kb / 1P
.100 BOX HEADERS .100 X .100 [2.54 X 2.54] CENTERLINE
FCS50SG ADAM-TECH-FCS50SG Datasheet
131Kb / 1P
.100 IDC SOCKET .100 X .100 [2.54 X 2.54] CENTERLINE
MHF34SGL ADAM-TECH-MHF34SGL Datasheet
127Kb / 1P
.100 IDC LATCH HEADER .100 X .100 [2.54 X 2.54]
MHF-34-SGL ADAM-TECH-MHF-34-SGL Datasheet
105Kb / 1P
.100 IDC LATCH HEADER .100 X .100 [2.54 X 2.54]
MHR ADAM-TECH-MHR Datasheet
97Kb / 1P
.100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
MHR40VUAL ADAM-TECH-MHR40VUAL Datasheet
130Kb / 1P
.100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
logo
3M Electronics
214-3339-00-0602J 3M-214-3339-00-0602J Datasheet
240Kb / 3P
For DIPs with .100" (2.54 mm) lead spacing
18-Aug-2000
961102-5604-AR 3M-961102-5604-AR Datasheet
852Kb / 3P
3M Pin Strip Header 2.54 mm and 2.54 mm x 2.54 mm, Right Angle, Solder Tail
26-Nov-2012
logo
List of Unclassifed Man...
EBC05DREN-S93 ETC-EBC05DREN-S93 Datasheet
111Kb / 2P
.100 2.54 mm Contact Centers, .431 10.95 mm Insulator Height
logo
Samtec, Inc
IPL1-102-01-L-S-RA-K-TR SAMTEC-IPL1-102-01-L-S-RA-K-TR Datasheet
191Kb / 1P
(2.54 mm) .100" PITCH • DISCRETE WIRE TERMINAL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com