Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZMOD4510AI1 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ZMOD4510AI1
Description  Gas Sensor Module for OAQ targeting NO2 & O3
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZMOD4510AI1 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ZMOD4510AI1 Datasheet HTML 1Page - Renesas Technology Corp ZMOD4510AI1 Datasheet HTML 2Page - Renesas Technology Corp ZMOD4510AI1 Datasheet HTML 3Page - Renesas Technology Corp ZMOD4510AI1 Datasheet HTML 4Page - Renesas Technology Corp ZMOD4510AI1 Datasheet HTML 5Page - Renesas Technology Corp ZMOD4510AI1 Datasheet HTML 6Page - Renesas Technology Corp ZMOD4510AI1 Datasheet HTML 7Page - Renesas Technology Corp ZMOD4510AI1 Datasheet HTML 8Page - Renesas Technology Corp ZMOD4510AI1 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Gas Sensor Module for
OAQ targeting NO2 & O3
ZMOD4510
Datasheet
© 2021 Renesas Electronics Corporation
1
June 30, 2021
ZMOD4510
Gas Sensor Module
VSUPPLY
VSS
VDD
VDDH
SDA
SCL
VSS
RES_N
Algorithms
Post-Processing
MCU
INT
Power
Supply
VDDIO
Description
The ZMOD4510 Gas Sensor Platform detects air quality in a variety
of indoor and outdoor applications. The module is a 12-pin LGA
assembly (standard version 3.0 × 3.0 × 0.7 mm) that consists of a
gas sense element and a CMOS signal conditioning IC. The
module’s sense element consists of a heater element on a silicon-
based MEMS structure and a metal-oxide (MOx) chemiresistor.
The signal conditioner controls the sensor temperature and
measures the MOx resistance, which is a function of the gas
concentration.
The device is ideal for monitoring and reporting Outdoor Air
Quality (OAQ). The provided free firmware enables different
ZMOD4510 features based on traditional and machine learning
algorithms with an embedded artificial intelligence (AI) using the
same hardware platform. This is used to determine the Air Quality
Index (AQI) output, which is based on gases present. The outdoor
air quality includes nitrogen dioxide (NO2) and ozone (O3).
Alternatively, depending on the operation mode, the ZMOD4510
can measure selectively ozone in an ultra-low power (ULP)
operation.
The measurement results can be read via an I2C interface with the
user’s microprocessor, which processes the data to determine the
levels of gases present and to indicate the AQI based on
international standards. With its latest ultra-low operating current
consumption, the ZMOD4510 is an excellent choice for low-voltage
and low power battery applications.
Typical Applications
Air monitoring for nitrogen dioxide and ozone
Detect unhealthy conditions in outdoor air
Personal air quality monitors
Smart City instrumentation
Automation based on AQI (HVAC systems, building air
purification systems)
Available Support
ZMOD4510 Evaluation Kit
Manuals, application notes, blog, and white papers
Instructional videos
Programming libraries, example codes, and algorithm
support to optimize performance
Features
Sensor output based on operation method:
•
Non-selective measurement of nitrogen dioxide (NO2) and
ozone (O3)
•
Selective ozone (O3) measurement using ultra-low power
Supports international standards for air quality, such as the
US Environmental Protection Agency (EPA)
Customization for mobile, industrial, and consumer
applications
Heater driver and regulation loop for constant resistance,
minimizing effect of environmental temperature on signal
I2C interface: up to 400 kHz
Built-in nonvolatile memory (NVM) for module-specific data
Ultra-low average power consumption down to 0.2 mW
Excellent for low-voltage and low-power battery applications
No external trimming components required
External reset pin (active-LOW)
Siloxane resistant
RoHS compliant
Target operation temperature: -40°C to +65°C
Supply voltage: 1.7V to 3.6 V
Water and dustproof version available (IP67 certified)
Available assembly sizes:
•
3.0 × 3.0 × 0.7 mm (standard version)
•
3.0 × 3.0 × 0.9 mm (IP67 version)
ZMOD4510 Application Circuit


Similar Part No. - ZMOD4510AI1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZMOD4510AI1R RENESAS-ZMOD4510AI1R Datasheet
641Kb / 17P
Gas Sensor Module for Outdoor Air Quality
ZMOD4510AI1V RENESAS-ZMOD4510AI1V Datasheet
641Kb / 17P
Gas Sensor Module for Outdoor Air Quality
More results

Similar Description - ZMOD4510AI1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MICS-2610 ETC2-MICS-2610 Datasheet
91Kb / 4P
O3 Gas Sensor
logo
Renesas Technology Corp
ZMOD4510 RENESAS-ZMOD4510 Datasheet
641Kb / 17P
Gas Sensor Module for Outdoor Air Quality
ZMOD4410 RENESAS-ZMOD4410 Datasheet
1Mb / 23P
Gas Sensor Module for TVOC and Indoor Air Quality
ZMOD4450 RENESAS-ZMOD4450 Datasheet
946Kb / 18P
Gas Sensor Module for Refrigeration Air Quality
FS1023-DG RENESAS-FS1023-DG Datasheet
534Kb / 11P
Gas Flow Sensor Module
FS1025-DG RENESAS-FS1025-DG Datasheet
544Kb / 11P
Gas Flow Sensor Module
FS1027-DG RENESAS-FS1027-DG Datasheet
532Kb / 11P
Gas Flow Sensor Module
logo
Zhengzhou Winsen Electr...
MQ138 WINSEN-MQ138 Datasheet
560Kb / 6P
Gas Sensor for VOC Gas
logo
Renesas Technology Corp
ZMOD4410 RENESAS-ZMOD4410_V01 Datasheet
1Mb / 26P
Gas Sensor Module for TVOC and Indoor Air Quality
December 17, 2021
ZMOD4450 RENESAS-ZMOD4450_V01 Datasheet
752Kb / 22P
Gas Sensor Module for Refrigeration Air Quality
June 30, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com