Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7FA6T2AB3CFL Datasheet(PDF) 69 Page - Renesas Technology Corp

Part # R7FA6T2AB3CFL
Description  Renesas Microcontrollers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA6T2AB3CFL Datasheet(HTML) 69 Page - Renesas Technology Corp

Back Button R7FA6T2AB3CFL Datasheet HTML 65Page - Renesas Technology Corp R7FA6T2AB3CFL Datasheet HTML 66Page - Renesas Technology Corp R7FA6T2AB3CFL Datasheet HTML 67Page - Renesas Technology Corp R7FA6T2AB3CFL Datasheet HTML 68Page - Renesas Technology Corp R7FA6T2AB3CFL Datasheet HTML 69Page - Renesas Technology Corp R7FA6T2AB3CFL Datasheet HTML 70Page - Renesas Technology Corp R7FA6T2AB3CFL Datasheet HTML 71Page - Renesas Technology Corp R7FA6T2AB3CFL Datasheet HTML 72Page - Renesas Technology Corp R7FA6T2AB3CFL Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 93 page
background image
tVOFF
Vdet2
VCC
tdet
tdet
tLVD2
Td(E-A)
LVCMPCR.LVD2E
LVD2
Comparator output
LVD2CR0.CMPE
LVD2SR.MON
Internal reset signal
(active-low)
When LVD2CR0.RN = 0
When LVD2CR0.RN = 1
VLVH
tLVD2
Figure 2.56
Voltage detection circuit timing (Vdet2)
2.11
Flash Memory Characteristics
2.11.1
Code Flash Memory Characteristics
Table 2.45
Code flash memory characteristics (1 of 2)
Conditions: Program or erase: FCLK = 4 to 60 MHz
Read: FCLK ≤ 60 MHz
Parameter
Symbol
FCLK = 4 MHz
20 MHz ≤ FCLK ≤ 60 MHz
Unit
Test
conditions
Min
Typ*6 Max Min
Typ*6
Max
Programming time
NPEC ≤ 100 times
128-byte
tP128
—
0.75
13.2 —
0.34
6.0
ms
8-KB
tP8K
—
49
176
—
22
80
ms
32-KB
tP32K
—
194
704
—
88
320
ms
Programming time
NPEC > 100 times
128-byte
tP128
—
0.91
15.8 —
0.41
7.2
ms
8-KB
tP8K
—
60
212
—
27
96
ms
32-KB
tP32K
—
234
848
—
106
384
ms
Erasure time
NPEC ≤ 100 times
8-KB
tE8K
—
78
216
—
43
120
ms
32-KB
tE32K
—
283
864
—
157
480
ms
Erasure time
NPEC > 100 times
8-KB
tE8K
—
94
260
—
52
144
ms
32-KB
tE32K
—
341
1040 —
189
576
ms
Reprogramming/erasure cycle*4
NPEC
10000*1 —
—
10000*1
—
—
Times
RA6T2 Datasheet
2. Electrical Characteristics
R01DS0400EJ0120 Rev.1.20
Mar 31, 2022
Page 69 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com