Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7FA6T2AB3CNB Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # R7FA6T2AB3CNB
Description  Renesas Microcontrollers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA6T2AB3CNB Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button R7FA6T2AB3CNB Datasheet HTML 45Page - Renesas Technology Corp R7FA6T2AB3CNB Datasheet HTML 46Page - Renesas Technology Corp R7FA6T2AB3CNB Datasheet HTML 47Page - Renesas Technology Corp R7FA6T2AB3CNB Datasheet HTML 48Page - Renesas Technology Corp R7FA6T2AB3CNB Datasheet HTML 49Page - Renesas Technology Corp R7FA6T2AB3CNB Datasheet HTML 50Page - Renesas Technology Corp R7FA6T2AB3CNB Datasheet HTML 51Page - Renesas Technology Corp R7FA6T2AB3CNB Datasheet HTML 52Page - Renesas Technology Corp R7FA6T2AB3CNB Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 93 page
background image
Table 2.27
SCI timing (Simple IIC mode)
Conditions: Middle drive output is selected in the Port Drive Capability bit in the PmnPFS register.
Parameter
Symbol
Min
Max
Unit
Note
Simple IIC
(Standard mode)
SCL, SDA input rise time
tSr
—
1000
ns
 
SCL, SDA input fall time
tSf
—
300
ns
 
SCL, SDA input spike pulse removal
time
tSP
0
4 × tTcyc
ns
 
Data input setup time
tSDAS
250
—
ns
 
Data input hold time
tSDAH
0
—
ns
 
SCL, SDA capacitive load
Cb*1
—
400
pF
 
Simple IIC (Fast
mode)
SCL, SDA input rise time
tSr
—
300
ns
 
SCL, SDA input fall time
tSf
—
300
ns
 
SCL, SDA input spike pulse removal
time
tSP
0
4 × tTcyc
ns
 
Data input setup time
tSDAS
100
—
ns
 
Data input hold time
tSDAH
0
—
ns
 
SCL, SDA capacitive load
Cb*1
—
400
pF
 
Note:
tTcyc: SCITCLK cycle.
Note 1. Cb indicates the total capacity of the bus line.
SDAn
SCLn
VIH
VIL
P*1
S*1
tSf
tSr
tSDAH
tSDAS
tSP
P*1
Test conditions:
VIH = VCC × 0.7, VIL = VCC × 0.3
VOL = 0.6 V, IOL = 6 mA (ICFER.FMPE = 0)
VOL = 0.4 V, IOL = 20 mA (ICFER.FMPE = 1)
Sr*1
Note:
n = 0 to 4, 9
Note 1. S, P, and Sr indicate the following conditions:
S: Start condition
P: Stop condition
Sr: Restart condition
Figure 2.38
SCI simple IIC mode timing
RA6T2 Datasheet
2. Electrical Characteristics
R01DS0400EJ0120 Rev.1.20
Mar 31, 2022
Page 49 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com