Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZMOD4450AI3V Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ZMOD4450AI3V
Description  Gas Sensor Module for Refrigeration Air Quality
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZMOD4450AI3V Datasheet(HTML) 5 Page - Renesas Technology Corp

  ZMOD4450AI3V Datasheet HTML 1Page - Renesas Technology Corp ZMOD4450AI3V Datasheet HTML 2Page - Renesas Technology Corp ZMOD4450AI3V Datasheet HTML 3Page - Renesas Technology Corp ZMOD4450AI3V Datasheet HTML 4Page - Renesas Technology Corp ZMOD4450AI3V Datasheet HTML 5Page - Renesas Technology Corp ZMOD4450AI3V Datasheet HTML 6Page - Renesas Technology Corp ZMOD4450AI3V Datasheet HTML 7Page - Renesas Technology Corp ZMOD4450AI3V Datasheet HTML 8Page - Renesas Technology Corp ZMOD4450AI3V Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
ZMOD4450 Datasheet
© 2021 Renesas Electronics Corporation
5
June 30, 2021
2. Absolute Maximum Ratings
Note: The absolute maximum ratings are stress ratings only. The ZMOD4450 may not function above and below the recommended operating
conditions in Table 3. Stresses exceeding the absolute maximum ratings will change the sensor module accuracy, lead to imprecision, and
eventually cause irreversible damage to the device. In addition, extended exposure to stresses above the recommended operating conditions
might affect device reliability. Renesas does not recommend designing to the “Absolute Maximum Ratings.”
Table 2.
Absolute Maximum Ratings
Symbol
Parameter
Minimum
Maximum
Unit
VDD, VDDH, VDDIO
Maximum Analog and I/O Supply Voltage
-0.4
3.63
V
VA_IO, VD_IO
Maximum Voltage at all Analog and Digital I/O Pins
-0.5
VDDIO + 0.5
V
Maximum Difference in Voltage between VDD and VDDH Pins
–
0.4
V
IIN
Input Current into any Pin Except Supply Pins (Latch-Up Immunity)
-100
100
mA
VHBM1
Electrostatic Discharge Tolerance – Human Body Model (HBM)
–
2000
V
VCDM
Electrostatic Discharge Tolerance – Charged Device Model (CDM)
on Packaged Module
–
750
V
TAMB-MAX
Maximum Ambient Temperature Range of Sensor Module
-40
125
°C
TSTOR
Storage Temperature
-50
125
°C
3. Operating Conditions
Note: The reference for all voltages is VSS.
Table 3.
Operating Conditions
Symbol
Parameter
Minimum
Typical
Maximum
Unit
VDD
Supply Voltage for ZMOD4450 Sensor Module
1.7
–
3.6
V
TAMB
Ambient Temperature Range for Sensor Module Operation
-40
25
65
°C
TOPERATION
Operation Temperature Sequence of Sense Element [a]
–
300
–
°C
[a] Controlled via API in firmware and EVK software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com