Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M65851 Datasheet(PDF) 25 Page - Mitsubishi Electric Semiconductor

Part # M65851
Description  SINGLE CHIP KARAOKE PROCESSOR(SOUND PROCDSSOR ICs)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M65851 Datasheet(HTML) 25 Page - Mitsubishi Electric Semiconductor

Back Button M65851 Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M65851 Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M65851 Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M65851 Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M65851 Datasheet HTML 25Page - Mitsubishi Electric Semiconductor M65851 Datasheet HTML 26Page - Mitsubishi Electric Semiconductor M65851 Datasheet HTML 27Page - Mitsubishi Electric Semiconductor M65851 Datasheet HTML 28Page - Mitsubishi Electric Semiconductor M65851 Datasheet HTML 29Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
ELECTRIC
MITSUBISHI
PRELIMINARY
Notice
; This
is not
a final
specification.
some
parametric
limits
are
subject
to change.
(
/ 36 )
M65851FP
MITSUBISHI SEMICONDUCTORS
(SOUND PROCDSSOR ICs)
KARAOKE
50SERIES
SERIES
MCU Interface
1.Constitutions
MCU interface is constituted serial bass interface ,
so the selection, data input or output , is changed
by 36 pin input level .
32
33
34
35
MCU
Interface circuit
MCU
DATA
CLOCK
STROBE
REQ
MCU
IC(Data input)
IC MCU (Data output)
L
H
W/RSEL
Conditions
36
2.Data input
(1)Data input format
D0
CLOCK
DATA
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10 D11 D12 D13 D14 D15
STROBE
(2)Mode creations
D0~D1 select the following each block, and D2 ~ D13 create the particular setting.
D14,D15 are chip address, so this IC can use only when D14="L"and D15="H".
D0
D1
D2~D13
L
L
L
H
H
L
H
H
Echo/Surround mode
Key control mode
Equalizer/Phase sifter mode
Line mixing/Others mode
36
W/RSEL
D14 D15
L
H
Chip
addles
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com