Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1243/4 Datasheet(PDF) 3 Page - Alpha Wire

Part # 1243/4
Description  Customer Specification
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

1243/4 Datasheet(HTML) 3 Page - Alpha Wire

  1243/4 Datasheet HTML 1Page - Alpha Wire 1243/4 Datasheet HTML 2Page - Alpha Wire 1243/4 Datasheet HTML 3Page - Alpha Wire 1243/4 Datasheet HTML 4Page - Alpha Wire 1243/4 Datasheet HTML 5Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Other
1) Voltage Rating
300 VRMS
2) Component 1
a) Capacitance
38 pF/ft @1 kHz, Nominal Conductor to Conductor
b) Ground Capacitance
68.4 pF/ft @1 kHz, Nominal
c) Characteristic Impedance
56 Ω
d) Inductance
0.2 μH/ft, Nominal
e) Conductor DCR
16.2 Ω/1000ft @20°C, Nominal
f) Component Shield DCR
5 Ω/1000ft @20°C, Nominal
3) Component 2
a) Capacitance
24.9 pF/ft @1 kHz, Nominal Conductor to Conductor
b) Characteristic Impedance
86 Ω
c) Inductance
0.2 μH/ft, Nominal
d) Conductor DCR
16.2 Ω/1000ft @20°C, Nominal
Packaging
Flange x Traverse x Barrel (inches)
a) 1000 FT
12 x 10.5 x 5 Continuous length
b) 500 FT
12 x 5.94 x 5 Continuous length
c) 100 FT
6.5 x 4 x 2.5 Continuous length
[Spool dimensions may vary slightly]
 
www.alphawire.com
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742)
Although Alpha Wire (“Alpha”) makes every reasonable effort to ensure there accuracy at the time of publication,
information and specifications described herein are subject to errors or omissions and to changes without notice, and
the listing of such information and specifications does not ensure product availability.
Alpha provides the information and specifications herein on an “AS IS” basis, with no representations or warranties,
whether express, statutory or implied. In no event will Alpha be liable for any damages (including consequential,
indirect, incidental, special, punitive, or exemplary) whatsoever, even if Alpha had been advised of the possibility of
such damages, whether in an action under contract, negligence or any other theory, arising out of or in connection
with the use, or inability to use, the information or specifications described herein.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com