Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM6P35AFU Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # SSM6P35AFU
Description  MOSFETs Silicon P-Channel MOS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM6P35AFU Datasheet(HTML) 1 Page - Toshiba Semiconductor

  SSM6P35AFU Datasheet HTML 1Page - Toshiba Semiconductor SSM6P35AFU Datasheet HTML 2Page - Toshiba Semiconductor SSM6P35AFU Datasheet HTML 3Page - Toshiba Semiconductor SSM6P35AFU Datasheet HTML 4Page - Toshiba Semiconductor SSM6P35AFU Datasheet HTML 5Page - Toshiba Semiconductor SSM6P35AFU Datasheet HTML 6Page - Toshiba Semiconductor SSM6P35AFU Datasheet HTML 7Page - Toshiba Semiconductor SSM6P35AFU Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SSM6P35AFU
1
MOSFETs Silicon P-Channel MOS
SSM6P35AFU
Start of commercial production
2017-01
1. Applications
•
Analog Switches
2. Features
(1)
1.2 V drive
(2)
Low drain-source on-resistance
: RDS(ON) = 3.2 Ω (typ.) (@VGS = -1.2 V)
RDS(ON) = 2.3 Ω (typ.) (@VGS = -1.5 V)
RDS(ON) = 2.0 Ω (typ.) (@VGS = -1.8 V)
RDS(ON) = 1.5 Ω (typ.) (@VGS = -2.5 V)
RDS(ON) = 1.1 Ω (typ.) (@VGS = -4.5 V)
3. Packaging and Internal Circuit
US6
1: Source 1
2: Gate 1
3: Drain 2
4: Source 2
5: Gate 2
6: Drain 1
2021-02-01
Rev.3.0
©2017-2021
Toshiba Electronic Devices & Storage Corporation


Similar Part No. - SSM6P35AFU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM6P35AFU TOSHIBA-SSM6P35AFU Datasheet
229Kb / 8P
Analog Switches
More results

Similar Description - SSM6P35AFU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3J358R TOSHIBA-SSM3J358R Datasheet
379Kb / 9P
MOSFETs Silicon P-Channel MOS
SSM6J512NU TOSHIBA-SSM6J512NU Datasheet
376Kb / 9P
MOSFETs Silicon P-Channel MOS
SSM6J771G TOSHIBA-SSM6J771G Datasheet
227Kb / 9P
MOSFETs Silicon P-Channel MOS
SSM6P56FE TOSHIBA-SSM6P56FE Datasheet
289Kb / 9P
MOSFETs Silicon P-Channel MOS
SSM6P816R TOSHIBA-SSM6P816R Datasheet
352Kb / 8P
MOSFETs Silicon P-Channel MOS
SSM3J338R TOSHIBA-SSM3J338R_V01 Datasheet
424Kb / 9P
MOSFETs Silicon P-Channel MOS
2021-09-16 Rev.2.0
SSM6J422TU TOSHIBA-SSM6J422TU_V01 Datasheet
290Kb / 9P
MOSFETs Silicon P-Channel MOS
2021-05-28 Rev.2.0
XPH3R114MC TOSHIBA-XPH3R114MC Datasheet
604Kb / 10P
MOSFETs Silicon P-Channel MOS
2021-12-02 Rev.6.0
SSM6P35AFE TOSHIBA-SSM6P35AFE_V01 Datasheet
217Kb / 8P
MOSFETs Silicon P-Channel MOS
2021-02-01 Rev.3.0
TPN4R712MD TOSHIBA-TPN4R712MD Datasheet
751Kb / 9P
MOSFETs Silicon P-Channel MOS
2019-10-30 Rev.5.0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com