Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4684 Datasheet(PDF) 16 Page - Analog Devices

Part # AD4684
Description  1 MSPS/500 kSPS, 4-Channel, 16-Bit Dual, Simultaneous Sampling SAR ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4684 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD4684 Datasheet HTML 12Page - Analog Devices AD4684 Datasheet HTML 13Page - Analog Devices AD4684 Datasheet HTML 14Page - Analog Devices AD4684 Datasheet HTML 15Page - Analog Devices AD4684 Datasheet HTML 16Page - Analog Devices AD4684 Datasheet HTML 17Page - Analog Devices AD4684 Datasheet HTML 18Page - Analog Devices AD4684 Datasheet HTML 19Page - Analog Devices AD4684 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
Data Sheet
AD4684/AD4685
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 16 of 32
Figure 33 shows an example of a complete signal chain connec-
tion diagram for the AD4684/AD4685. Decouple the VCC, VLOGIC,
REGCAP, and REFIO pins with suitable decoupling capacitors, as
shown in Figure 33.
The exposed pad is a ground reference point for circuitry on the
device and must be connected to the board ground.
A differential RC filter must be placed on the analog inputs to
ensure performance is achieved. For a typical application, the
recommended resistor is R = 33 Ω, and C = 330 pF.
The performance of the AD4684/AD4685 can be impacted by noise
on the digital interface. This impact is dependent on board layout
and design. Keep a minimal distance of the digital line to the digital
interface or place a 100 Ω resistor in series and close to the SDOA
pin and SDOB/ALERT pin to reduce noise from digital interface
coupling of the AD4684/AD4685.
Each of the single-ended analog inputs of the AD4684/AD4685 can
accept a voltage from 0 V to VREF and can easily be driven by an
amplifier for optimum performance. Table 8 shows the recommend-
ed components for the complete signal chain solution that can best
fit the application for the AD4684/AD4685.
The AD4684/AD4685 have a buffered internal 2.5 V reference that
can be access via the REFIO pin. The buffered internal 2.5 V
reference must use an external buffer like the ADA4807, when
connecting it to the external circuitry. Both devices have the option
to use an ultralow noise, high accuracy voltage reference ranging
from 2.5 V to 3.3 V, such as the ADR4525 or ADR4533, as an
external voltage source.
Figure 33. Typical Application Circuit (VCM Is Common-Mode Voltage, See the Power Supply Section for Additional Information on V+ and V−)
Table 8. Signal Chain Components
Companion Devices
Device Name
Description
Typical Application
ADC Driver
ADA4896-2
1 nV/√Hz, rail-to-rail output amplifier
Precision, low noise, high frequency
ADA4807-2
1 mA, rail-to-rail output amplifier
Precision, low power, high frequency
ADA4940-2
Ultra low power, fully differential, low distortion
Precision, low density, low power
LTC6227
Low distortion rail-to-rail output op amps
Precision, low noise, high frequency
External Reference
ADR4525
Ultralow noise, high accuracy, 2.5 V voltage reference
2.5 V reference voltage
ADR4533
Ultralow noise, high accuracy, 3.3 V voltage reference
3.3 V reference voltage
LDO
ADP166
Low quiescent, 150 mA, LDO regulator
3.0 V to 3.6 V supply for VCC and VLOGIC
ADP7104
Low noise, CMOS LDO regulator
5 V supply for driver amplifier
ADP7182
Low noise line regulator
−2.5 V supply for driver amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com