Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD74115H Datasheet(PDF) 32 Page - Analog Devices

Part # AD74115H
Description  Single-Channel, Software Configurable Input and Output with HART Modem
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD74115H Datasheet(HTML) 32 Page - Analog Devices

Back Button AD74115H Datasheet HTML 28Page - Analog Devices AD74115H Datasheet HTML 29Page - Analog Devices AD74115H Datasheet HTML 30Page - Analog Devices AD74115H Datasheet HTML 31Page - Analog Devices AD74115H Datasheet HTML 32Page - Analog Devices AD74115H Datasheet HTML 33Page - Analog Devices AD74115H Datasheet HTML 34Page - Analog Devices AD74115H Datasheet HTML 35Page - Analog Devices AD74115H Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 113 page
background image
Data Sheet
AD74115H
THEORY OF OPERATION
analog.com
Rev. 0 | 32 of 113
Figure 32. Detailed Functional Block Diagram
The AD74115H is a single-channel, software configurable input
and output that is designed to meet the requirements of isolated
process control and factory automation applications. The device
provides a fully integrated single chip solution for input and output
operation. The AD74115H features a 16-bit, Σ-Δ ADC and a 14-bit
DAC, and the device is packaged in a 7 mm × 7 mm, 48-lead
LFCSP. The AD74115H also includes an integrated HART modem.
The channel is configured by writing to the configuration registers.
Users can refine the default configurations of each operation mode
via the AD74115H register map. See Figure 32 for a detailed
functional block diagram of the AD74115H.
ROBUST ARCHITECTURE
The AD74115H system is robust in noisy environments and can
withstand overvoltage scenarios such as miswire and surge events.
On-chip line protectors ensure that the I/OP screw terminal does
not provide power to the IC when brought to a higher potential than
the AVDD pin.
The recommended external components shown in Figure 32 and
Table 36, including the TVS, are selected to withstand surges on
the input and output terminals.
With the recommended components, the I/OP and I/ON screw
terminals tolerate overvoltages up to dc ± 36 V (limited by the
external TVS).
A cyclic redundancy check (CRC) function is built into the SPI to
ensure error free communications in noisy environments.
POWER SUPPLIES AND REFERENCE
Four external voltage supply rails are required to power up the
AD74115H: VAVDD, which is the positive analog supply, VAVSS,
which is the negative analog supply, VAVCC, which is the low voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com