Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP5589ACPZ-00-R7 Datasheet(PDF) 41 Page - Analog Devices

Part # ADP5589ACPZ-00-R7
Description  Keypad Decoder and I/O Expansion
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5589ACPZ-00-R7 Datasheet(HTML) 41 Page - Analog Devices

Back Button ADP5589ACPZ-00-R7 Datasheet HTML 37Page - Analog Devices ADP5589ACPZ-00-R7 Datasheet HTML 38Page - Analog Devices ADP5589ACPZ-00-R7 Datasheet HTML 39Page - Analog Devices ADP5589ACPZ-00-R7 Datasheet HTML 40Page - Analog Devices ADP5589ACPZ-00-R7 Datasheet HTML 41Page - Analog Devices ADP5589ACPZ-00-R7 Datasheet HTML 42Page - Analog Devices ADP5589ACPZ-00-R7 Datasheet HTML 43Page - Analog Devices ADP5589ACPZ-00-R7 Datasheet HTML 44Page - Analog Devices ADP5589ACPZ-00-R7 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
Data Sheet
ADP5589
Rev. B | Page 41 of 52
RESET1_EVENT_C Register 0x3A
Table 66. RESET1_EVENT_C Bit Descriptions
Bits
Name
R/W
Description
7
RESET1_EVENT_B Level
R/W
Defines which level the third reset event should be.
[6: 0]
RESET1_EVENT_C[6:0]
R/W
Defines an event that can be used to generate the RESET1 signal.
RESET2_EVENT_A Register 0x3B
Table 67. RESET2_EVENT_A Bit Descriptions
Bits
Name
R/W
Description
7
RESET1_EVENT_B Level
R/W
Defines which level the first reset event should be.
For key events:
0 = not applicable; releases not used for reset generation.
1 = press is used as reset event.
For GPIs and logic outputs configured for FIFO updates:
0 = inactive event used as reset condition.
1 = active event used as reset condition.
[6:0]
RESET2_EVENT_A[6:0]
R/W
Defines an event that can be used to generate the RESET2 signal.
Up to two events can be defined for generating the RESET2 signal, using
RESET2_EVENT_A[6:0] and RESET2_EVENT_B[6:0].
If one of the registers is 0, that register is not used for reset generation. All reset events
must be detected at the same time to trigger the reset.
RESET2_EVENT_B Register 0x3C
Table 68. RESET2_EVENT_B Bit Descriptions
Bits
Name
R/W
Description
7
RESET1_EVENT_B Level
R/W
Defines which level the second reset event should be.
[6:0]
RESET2_EVENT_B[6:0]
R/W
Defines an event that can be used to generate the RESET2 signal.
RESET_CFG Register 0x3D
Table 69. RESET_CFG Bit Descriptions
Bits
Name
R/W
Description
7
RESET2_POL
R/W
Sets the polarity of RESET2.
0 = RESET2 is active low.
1 = RESET2 is active high.
6
RESET1_POL
R/W
Sets the polarity of RESET1.
0 = RESET1 is active low.
1 = RESET1 is active high.
5
RST_PASSTHRU_EN
R/W
Allows the RST pin to override (OR with) the RESET1signal.
Function not applicable to RESET2.
[4:2]
RESET_TRIGGER_TIME[2:0]
R/W
Defines the length of time that the reset events must be active before a reset signal is
generated.
All events must be active at the same time for the same duration. Parameter common
to both RESET1 and RESET2.
000 = immediate.
001 = 1.0 sec.
010 = 1.5 sec.
011 = 2.0 sec.
100 = 2.5 sec.
101 = 3.0 sec.
110 = 3.5 sec.
111 = 4.0 sec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com