Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP5585ACPZ-00-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADP5585ACPZ-00-R7
Description  Keypad Decoder and I/O Expansion
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5585ACPZ-00-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADP5585ACPZ-00-R7 Datasheet HTML 22Page - Analog Devices ADP5585ACPZ-00-R7 Datasheet HTML 23Page - Analog Devices ADP5585ACPZ-00-R7 Datasheet HTML 24Page - Analog Devices ADP5585ACPZ-00-R7 Datasheet HTML 25Page - Analog Devices ADP5585ACPZ-00-R7 Datasheet HTML 26Page - Analog Devices ADP5585ACPZ-00-R7 Datasheet HTML 27Page - Analog Devices ADP5585ACPZ-00-R7 Datasheet HTML 28Page - Analog Devices ADP5585ACPZ-00-R7 Datasheet HTML 29Page - Analog Devices ADP5585ACPZ-00-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
ADP5585
Data Sheet
Rev. C | Page 26 of 40
GPI_INT_LEVEL_B Register 0x1C
Table 36. Register 0x1C, GPI_INT_LEVEL_B Bit Descriptions
Bit(s)
Bit Name
Access
Description
7 to 5
N/A
Reserved.
4
GPI_11_INT_LEVEL
Read/write
0 = GPI_11 interrupt is active low (GPI_11_INT sets whenever R10 is low).
1 = GPI_11 interrupt is active high (GPI_11_INT sets whenever R10 is high).
3
GPI_10_INT_LEVEL
Read/write
0 = GPI_10 interrupt is active low (GPI_10_INT sets whenever R9 is low).
1 = GPI_10 interrupt is active high (GPI_10_INT sets whenever R9 is high).
2
GPI_9_INT_LEVEL
Read/write
0 = GPI_9 interrupt is active low (GPI_9_INT sets whenever R8 is low).
1 = GPI_9 interrupt is active high (GPI_9_INT sets whenever R8 is high).
1
GPI_8_INT_LEVEL
Read/write
0 = GPI_8 interrupt is active low (GPI_8_INT sets whenever R7 is low).
1 = GPI_8 interrupt is active high (GPI_8_INT sets whenever R7 is high).
0
GPI_7_INT_LEVEL
Read/write
0 = GPI_7 interrupt is active low (GPI_7_INT sets whenever R6 is low).
1 = GPI_7 interrupt is active high (GPI_7_INT sets whenever R6 is high).
GPI_EVENT_EN_A Register 0x1D
Table 37. GPI_EVENT_EN_A Bit Descriptions
Bit(s)
Bit Name
Access
Description
7 to 6
N/A
Reserved.
5
GPI_6_EVENT_EN
Read/write
(Reserved except for ADP5585AC_Z-01-R7 options)
0 = disable GPI events from GPI 6.
1 = allow GPI 6 activity to generate events on the FIFO1.
4
GPI_5_EVENT_EN
Read/write
0 = disable GPI events from GPI 5.
1 = allow GPI 5 activity to generate events on the FIFO1.
3
GPI_4_EVENT_EN
Read/write
0 = disable GPI events from GPI 4.
1 = allow GPI 4 activity to generate events on the FIFO1.
2
GPI_3_EVENT_EN
Read/write
0 = disable GPI events from GPI 3.
1 = allow GPI 3 activity to generate events on the FIFO1.
1
GPI_2_EVENT_EN
Read/write
0 = disable GPI events from GPI 2.
1 = allow GPI 2 activity to generate events on the FIFO1.
0
GPI_1_EVENT_EN
Read/write
0 = disable GPI events from GPI 1.
1 = allow GPI 1 activity to generate events on the FIFO1.
1
GPIs in this mode are considered FIFO events and can be used for unlock purposes. GPI activity in this mode causes EVENT_INT interrupts. GPIs in this mode do not
generate GPI_INT interrupts.
GPI_EVENT_EN_B Register 0x1E
Table 38. GPI_EVENT_EN_B Bit Descriptions
Bit(s)
Bit Name
Access
Description
7 to 5
N/A
Reserved.
4
GPI_11_EVENT_EN
Read/write
0 = disable GPI events from GPI 11.
1 = allow GPI 11 activity to generate events on the FIFO1.
3
GPI_10_EVENT_EN
Read/write
0 = disable GPI events from GPI 10.
1 = allow GPI 10 activity to generate events on the FIFO1.
2
GPI_9_EVENT_EN
Read/write
0 = disable GPI events from GPI 9.
1 = allow GPI 9 activity to generate events on the FIFO1.
1
GPI_8_EVENT_EN
Read/write
0 = disable GPI events from GPI 8.
1 = allow GPI 8activity to generate events on the FIFO1.
0
GPI_7_EVENT_EN
Read/write
0 = disable GPI events from GPI 7.
1 = allow GPI 7 activity to generate events on the FIFO1.
1
GPIs in this mode are considered FIFO events and can be used for unlock purposes. GPI activity in this mode cause EVENT_INT interrupts. GPIs in this mode do not
generate GPI_INT interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com