Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP5589ACBZ-01-R7 Datasheet(PDF) 44 Page - Analog Devices

Part # ADP5589ACBZ-01-R7
Description  Keypad Decoder and I/O Expansion
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5589ACBZ-01-R7 Datasheet(HTML) 44 Page - Analog Devices

Back Button ADP5589ACBZ-01-R7 Datasheet HTML 40Page - Analog Devices ADP5589ACBZ-01-R7 Datasheet HTML 41Page - Analog Devices ADP5589ACBZ-01-R7 Datasheet HTML 42Page - Analog Devices ADP5589ACBZ-01-R7 Datasheet HTML 43Page - Analog Devices ADP5589ACBZ-01-R7 Datasheet HTML 44Page - Analog Devices ADP5589ACBZ-01-R7 Datasheet HTML 45Page - Analog Devices ADP5589ACBZ-01-R7 Datasheet HTML 46Page - Analog Devices ADP5589ACBZ-01-R7 Datasheet HTML 47Page - Analog Devices ADP5589ACBZ-01-R7 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 52 page
background image
ADP5589
Data Sheet
Rev. B | Page 44 of 52
Bits
Name
R/W
Description
[2: 0]
LOGIC2_SEL[2:0]
R/W
Configures the digital mux for Logic Block 2.
000 = off/disable.
001 = AND2.
010 = OR2.
011 = XOR2.
100 = FF2.
101 = IN_LA2.
110 = IN_LB2.
111 = IN_LC2.
LOGIC_FF_CFG Register 0x46
Table 78. LOGIC_FF_CFG Bit Descriptions
Bits
Name
R/W
Description
[7: 4]
R/W
Reserved.
3
FF2_SET
R/W
0 = FF2 not set in Logic Block 2.
1 = set FF2 in Logic Block 2.
2
FF2_CLR
R/W
0 = FF2 not cleared in Logic Block 2.
1 = clear FF2 in Logic Block 2.
1
FF1_SET
R/W
0 = FF1 not set in Logic Block 1.
1 = set FF1 in Logic Block 1.
0
FF1_CLR
R/W
0 = FF1 not cleared in Logic Block 1.
1 = clear FF1 in Logic Block 1.
LOGIC_INT_EVENT_EN Register 0x47
Table 79. LOGIC_INT_EVENT_EN Bit Descriptions
Bits
Name
R/W
Description
[7: 6]
R/W
Reserved.
5
LY2_DBNC_DIS
R/W
0 = output of Logic Block 2 is debounced before entering the event/interrupt block.
1 = output of Logic Block 2 is not debounced before entering the event/interrupt block. Use
with caution because glitches may generate interrupts prematurely.
4
LOGIC2_EVENT_EN
R/W
0 = LY2 cannot generate interrupt.
1 = allow LY2 activity to generate events on the FIFO.
3
LOGIC2_INT_LEVEL
R/W
Configure the logic level of LY2 that generates an interrupt.
0 = LY2 is active low.
1 = LY2 is active high.
2
LY1_DBNC_DIS
R/W
0 = output of Logic Block 1 is debounced before entering the event/interrupt block.
1 = output of Logic Block 1 is not debounced before entering the event/interrupt block. Use
with caution because glitches may generate interrupts prematurely.
1
LOGIC1_EVENT_EN
R/W
0 = LY1 cannot generate interrupt.
1 = allow LY1 activity to generate events on the FIFO.
0
LOGIC1_INT_LEVEL
R/W
Configure the logic level of LY1 that generates an interrupt.
0 = LY1 is active low.
1 = LY1 is active high.
POLL_TIME_CFG Register 0x48
Table 80. POLL_TIME_CFG Bit Descriptions
Bits
Name
R/W
Description
[7: 2]
Reserved.
[1: 0]
KEY_POLL_TIME[1:0]
R/W
Configure time between consecutive scan cycles.
00 = 10 ms.
01 = 20 ms.
10 = 30 ms.
11 = 40 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com