Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP5589ACBZ-02-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP5589ACBZ-02-R7
Description  Keypad Decoder and I/O Expansion
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5589ACBZ-02-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADP5589ACBZ-02-R7 Datasheet HTML 1Page - Analog Devices ADP5589ACBZ-02-R7 Datasheet HTML 2Page - Analog Devices ADP5589ACBZ-02-R7 Datasheet HTML 3Page - Analog Devices ADP5589ACBZ-02-R7 Datasheet HTML 4Page - Analog Devices ADP5589ACBZ-02-R7 Datasheet HTML 5Page - Analog Devices ADP5589ACBZ-02-R7 Datasheet HTML 6Page - Analog Devices ADP5589ACBZ-02-R7 Datasheet HTML 7Page - Analog Devices ADP5589ACBZ-02-R7 Datasheet HTML 8Page - Analog Devices ADP5589ACBZ-02-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
Data Sheet
ADP5589
Rev. B | Page 3 of 52
SPECIFICATIONS
VDD = 1.8 V to 3.3 V, TA = −40°C to +85⁰C, unless otherwise noted.1
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
SUPPLY VOLTAGE
VDD Input Voltage Range
VDD
1.65
3.6
V
Undervoltage Lockout Threshold
UVLOVDD
UVLO active, VDD falling
1.2
1.3
V
UVLO inactive, VDD rising
1.4
1.6
V
SUPPLY CURRENT
Standby Current
ISTNBY
VDD = 1.65 V
1
4
μA
VDD = 3.3 V
1
10
µA
Operating Current (One Key Press)
ISCAN = 10 ms
CORE_FREQ = 50 kHz, scan active,
300 kΩ pull-up, VDD = 1.65 V
30
40
µA
ISCAN = 10 ms
CORE_FREQ = 50 kHz, scan active,
100 kΩ pull-up, VDD = 1.65 V
35
45
µA
ISCAN = 10 ms
CORE_FREQ = 50 kHz, scan active,
300 kΩ pull-up, VDD = 3.3 V
75
85
μA
ISCAN = 10 ms
CORE_FREQ = 50 kHz, scan active,
100 kΩ pull-up, VDD = 3.3 V
80
90
μA
PULL-UP, PULL-DOWN RESISTANCE
Pull-Up Option 1
50
100
150
kΩ
Pull-Up Option 2
150
300
450
kΩ
Pull-Down
150
300
450
kΩ
INPUT LOGIC LEVEL (RST, SCL, SDA, R0, R1, R2, R3, R4,
R5, R6, R7, C0, C1, C2, C3, C4, C5, C6, C7, C8, C9, C10)
Logic Low Input Voltage
VIL
0.3 × VDD V
Logic High Input Voltage
VIH
0.7 × VDD
V
Input Leakage Current (Per Pin)
VI-Leak
0.1
1
µA
PUSH-PULL OUTPUT LOGIC LEVEL (R0, R1, R2, R3, R4,
R5, R6, R7, C0, C1, C2, C3, C4, C5, C6, C7, C8, C9, C10)
Logic Low Output Voltage2
VOL
Sink current = 10 mA
0.4
V
Logic Low Output Voltage3
VOL
Sink current = 10 mA
0.5
V
Logic High Output Voltage
VOH
Source current = 5 mA
0.7 × VDD
V
Logic High Leakage Current (Per Pin)
VOH-Leak
0.1
1
µA
OPEN-DRAIN OUTPUT LOGIC LEVEL (INT, SDA)
Logic Low Output Voltage (INT)
VOL
ISINK = 10 mA
0.4
V
Logic Low Output Voltage (SDA)
VOL
ISINK = 20 mA
0.4
V
Logic High Leakage Current (Per Pin)
VOH-Leak
0.1
1
µA
Logic Propagation Delay
125
300
ns
FF1 Hold Time4
0
ns
FF1 Setup Time4
175
ns
FF2 Hold Time4
0
ns
FF2 Setup Time4
175
ns
GPIO Debounce4
70
µs
Internal Oscillator Frequency5
OSCFREQ
900
1000
1100
kHz
I2C TIMING SPECIFICATIONS
Delay from UVLO/Reset Inactive to I2C Access
60
µs
SCL Clock Frequency
fSCL
0
1000
kHz
SCL High Time
tHIGH
0.26
µs
SCL Low Time
tLOW
0.5
µs
Data Setup Time
tSU; DAT
50
ns
Data Hold Time
tHD; DAT
0
µs
Setup Time for Repeated Start
tSU; STA
0.26
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com