Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F1320 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # F1320
Description  Wide flat performance IF BW
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1320 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button F1320 Datasheet HTML 10Page - Renesas Technology Corp F1320 Datasheet HTML 11Page - Renesas Technology Corp F1320 Datasheet HTML 12Page - Renesas Technology Corp F1320 Datasheet HTML 13Page - Renesas Technology Corp F1320 Datasheet HTML 14Page - Renesas Technology Corp F1320 Datasheet HTML 15Page - Renesas Technology Corp F1320 Datasheet HTML 16Page - Renesas Technology Corp F1320 Datasheet HTML 17Page - Renesas Technology Corp F1320 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
DPD Demodulator for PA Linearization
1300MHz to 2900MHz
IDT Zero-Distortion
TM, Glitch-FreeTM DPD Receiver
14
Rev4, January 2014
PRELIMINARY DATASHEET
IDTF1370NBGI
Datasheet
TOCS F1370 [FIXED IF = 200MHZ] (-4-)
H2 [VS. TCASE]
LO - IF [VS. TCASE]
ICC [VS. TCASE]
H2 [VS. LO LEVEL]
LO - IF [VS. LO LEVEL]
ICC [VS. LO LEVEL]
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
-40degC / 0dBm / 0attn / HS Injection
-40degC / 0dBm / 20attn / HS Injection
25degC / 0dBm / 0attn / HS Injection
25degC / 0dBm / 20attn / HS Injection
105degC / 0dBm / 0attn / HS Injection
105degC / 0dBm / 20attn / HS Injection
RF Frequency (GHz)
POUT = 0.45 VPP = -6 dBm
-60
-50
-40
-30
-20
-10
0
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
-40degC / 0dBm / 0attn / HS Injection
-40degC / 0dBm / 20attn / HS Injection
25degC / 0dBm / 0attn / HS Injection
25degC / 0dBm / 20attn / HS Injection
105degC / 0dBm / 0attn / HS Injection
105degC / 0dBm / 20attn / HS Injection
RF Frequency (GHz)
230
240
250
260
270
280
290
300
310
320
330
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
-40degC / 0dBm / 0attn / HS Injection
-40degC / 0dBm / 0attn / LS Injection
25degC / 0dBm / 0attn / HS Injection
25degC / 0dBm / 0attn / LS Injection
105degC / 0dBm / 0attn / HS Injection
105degC / 0dBm / 0attn / LS Injection
RF Frequency (GHz)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
25degC / 3dBm / 0attn / HS Injection
25degC / 3dBm / 0attn / LS Injection
25degC / 0dBm / 0attn / HS Injection
25degC / 0dBm / 0attn / LS Injection
25degC / -3dBm / 0attn / HS Injection
25degC / -3dBm / 0attn / LS Injection
RF Frequency (GHz)
POUT = 0.45 VPP = -6 dBm
-60
-50
-40
-30
-20
-10
0
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
25degC / 3dBm / 0attn / HS Injection
25degC / 3dBm / 0attn / LS Injection
25degC / 0dBm / 0attn / HS Injection
25degC / 0dBm / 0attn / LS Injection
25degC / -3dBm / 0attn / HS Injection
25degC / -3dBm / 0attn / LS Injection
RF Frequency (GHz)
230
240
250
260
270
280
290
300
310
320
330
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
25degC / 3dBm / 0attn / HS Injection
25degC / 3dBm / 0attn / LS Injection
25degC / 0dBm / 0attn / HS Injection
25degC / 0dBm / 0attn / LS Injection
25degC / -3dBm / 0attn / HS Injection
25degC / -3dBm / 0attn / LS Injection
RF Frequency (GHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com