Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F1350 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # F1350
Description  DPD Demodulator for PA Linearization, 1300MHz to 2900MHz
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1350 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button F1350 Datasheet HTML 11Page - Renesas Technology Corp F1350 Datasheet HTML 12Page - Renesas Technology Corp F1350 Datasheet HTML 13Page - Renesas Technology Corp F1350 Datasheet HTML 14Page - Renesas Technology Corp F1350 Datasheet HTML 15Page - Renesas Technology Corp F1350 Datasheet HTML 16Page - Renesas Technology Corp F1350 Datasheet HTML 17Page - Renesas Technology Corp F1350 Datasheet HTML 18Page - Renesas Technology Corp F1350 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
DPD Demodulator for PA
Linearization, 1300MHz to 2900MHz
IDTF1350
Datasheet
IDT Zero-DistortionTM, Glitch-FreeTM DPD Receiver
15
January 21, 2020
TOCS F1350 [FIXED IF = 200MHZ VS. CONFIGURATION] (-5-)
GAIN
IP2O
LO – IF
IP3O
H2
RF - IF
-2
0
2
4
6
8
10
12
14
16
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
RFX IFI 0attn
RFX IFI 10attn
RFX IFQ 0attn
RFX IFQ 10attn
RFY IFI 0attn
RFY IFI 10attn
RFY IFQ 0attn
RFY IFQ 10attn
RF Frequency (GHz)
TCASE = 25C, VCC = 5.00V, LO level = 0 dBm, HS Injection
10
20
30
40
50
60
70
80
90
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
RFX IFI 0attn
RFX IFI 20attn
RFX IFQ 0attn
RFX IFQ 20attn
RFY IFI 0attn
RFY IFI 20attn
RFY IFQ 0attn
RFY IFQ 20attn
RF Frequency (GHz)
TCASE = 25C, VCC = 5.00V, LO level = 0 dBm, HS Injection
-50
-40
-30
-20
-10
0
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
RFX IFI 0attn
RFX IFI 20attn
RFX IFQ 0attn
RFX IFQ 20attn
RFY IFI 0attn
RFY IFI 20attn
RFY IFQ 0attn
RFY IFQ 20attn
RF Frequency (GHz)
TCASE = 25C, VCC = 5.00V, LO level = 0 dBm, HS Injection
24
28
32
36
40
44
48
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
RFX IFI 0attn
RFX IFI 20attn
RFX IFQ 0attn
RFX IFQ 20attn
RFY IFI 0attn
RFY IFI 20attn
RFY IFQ 0attn
RFY IFQ 20attn
RF Frequency (GHz)
TCASE = 25C, VCC = 5.00V, LO level = 0 dBm, HS Injection
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
RFX IFI 0attn
RFX IFI 20attn
RFX IFQ 0attn
RFX IFQ 20attn
RFY IFI 0attn
RFY IFI 20attn
RFY IFQ 0attn
RFY IFQ 20attn
RF Frequency (GHz)
TCASE = 25C, VCC = 5.00V, LO level = 0 dBm, HS Injection
POUT = 0.45 VPP = -6 dBm
-70
-60
-50
-40
-30
-20
-10
0
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
RFX IFI 0attn
RFX IFI 20attn
RFX IFQ 0attn
RFX IFQ 20attn
RFY IFI 0attn
RFY IFI 20attn
RFY IFQ 0attn
RFY IFQ 20attn
RF Frequency (GHz)
TCASE = 25C, VCC = 5.00V, LO level = 0 dBm, HS Injection
PIN = -11dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com