Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMK6P Datasheet(PDF) 8 Page - Texas Instruments

Part # LMK6P
Description  LMK6x High-Performance BAW Oscillator
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK6P Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMK6P Datasheet HTML 4Page - Texas Instruments LMK6P Datasheet HTML 5Page - Texas Instruments LMK6P Datasheet HTML 6Page - Texas Instruments LMK6P Datasheet HTML 7Page - Texas Instruments LMK6P Datasheet HTML 8Page - Texas Instruments LMK6P Datasheet HTML 9Page - Texas Instruments LMK6P Datasheet HTML 10Page - Texas Instruments LMK6P Datasheet HTML 11Page - Texas Instruments LMK6P Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
Over Recommended Operating Conditions
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tR/tF
Output Rise/Fall Time
20% to 80% of VOD,DIFF
120
200
ps
ODC
Output Duty Cycle
45
50
55
%
PN-Floor
Output Phase Noise Floor (fOFFSET > 10
MHz)
Fout = 156.25 MHz
–158
dBc/Hz
LVDS Output Characteristics
Fout
Output Frequency
1
400
MHz
VOD
Output Voltage Swing (VOH - VOL)
Under LVDS Load condition
250
350
450
mV
VOD,DIFF Differential Output peak-peak swing
2x|VOD|
V
VOS
Output Common Mode Voltage
VDD = 2.5V/3.3 V
1.025
1.2
1.375
V
VOS
Output Common Mode Voltage
VDD = 1.8 V
0.80
0.9
1.0
V
tR/tF
Output Rise/Fall Time
20% to 80% of VOD,DIFF
150
250
ps
ODC
Output Duty Cycle
45
50
55
%
PN-Floor
Output Phase Noise Floor (fOFFSET > 10
MHz)
Fout = 156.25 MHz
–158
dBc/Hz
HCSL Output Characteristics
Fout
Output Frequency
1
400
MHz
VOL
Output Low Voltage
VDD = 3.3V
-150
0
150
mV
VOH
Output High Voltage
VDD = 3.3V
660
750
850
mV
VOL-ABS
Absolute Low Voltage Including
Undershoot
VDD = 3.3V
-300
mV
VOH-ABS
Absolute High Voltage Including
Overshoot
VDD = 3.3V
1.15
V
Vcross
Absolute Crossing Point Voltage
VDD = 3.3V, fout = 100 MHz
250
550
mV
ΔVcross
Absolute Crossing Point Voltage
VDD = 3.3V, fout = 100 MHz
140
mV
dV/dt
Out Slew Rate
± 150 mV around center point
2
4
V/ns
ΔdV/dt
Out Slew Rate
20
%
ODC
Output Duty Cycle
45
50
55
%
PN-Floor
Output Phase Noise Floor (fOFFSET > 10
MHz)
Fout = 156.25 MHz
–158
dBc/Hz
LVCMOS Output Characteristics
Fout
Output Frequency
1
200
MHz
VOL
Output Low Voltage
IOL = 3.6mA, VDD = 1.8V
0.36
V
VOL
Output Low Voltage
IOL = 5.0mA, VDD = 2.5V
0.5
V
IOL = 6.6mA, VDD = 3.3V
0.66
V
VOH
Output High Voltage
IOH = 3.6mA, VDD = 1.8V
1.44
V
VOH
Output High Voltage
IOH = 5.0mA, VDD = 2.5V
2
V
IOH = 6.6mA, VDD = 3.3V
2.64
V
tR/tF
Output Rise/Fall Time
20% to 80% of VOH-VOL, CL = 2 pF
0.5
1
ns
ODC
Output Duty Cycle
45
50
55
%
PN-Floor
Output Phase Noise Floor (fOFFSET > 10
MHz)
Fout = 50 MHz
–155
dBc/Hz
Rout
Output Impedance
40
50
60
Ω
CL
Maximum capacitive load
Fout > 50 MHz
15
pF
CL
Maximum capacitive load
Fout < 50 MHz
30
pF
EN Input Characteristics
VIL
Input Low Voltage
0.6
V
VIH
Input High Voltage
1.3
V
LMK6C
SNAS826A – APRIL 2022 – REVISED JULY 2022
www.ti.com
8
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LMK6C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com