Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5891 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LP5891
Description  LP5891 48 Current Sources, 64 Scans, Common Cathode LED Matrix Driver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5891 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP5891 Datasheet HTML 9Page - Texas Instruments LP5891 Datasheet HTML 10Page - Texas Instruments LP5891 Datasheet HTML 11Page - Texas Instruments LP5891 Datasheet HTML 12Page - Texas Instruments LP5891 Datasheet HTML 13Page - Texas Instruments LP5891 Datasheet HTML 14Page - Texas Instruments LP5891 Datasheet HTML 15Page - Texas Instruments LP5891 Datasheet HTML 16Page - Texas Instruments LP5891 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 74 page
background image
7.3 Feature Description
7.3.1 Independent and Stackable Mode
The LP5891 can operate in two different modes: independent or stackable. In independent mode, a single
LP5891 can drive a 16 × 16 RGB LED matrix, while in stackable mode, up to four LP5891 devices can be
stacked together, which means the line switches of one device can be shared to the others. Stacking three
LP5891 devices can drive a 48 × 48 RGB LED matrix while stacking four LP5891 devices can drive a 64 × 64
RGB matrix. The mode can be configured by the MOD_SIZE (see FC2 for more details).
7.3.1.1 Independent Mode
Figure 7-1 shows an implementation of a 16 × 32 RGB LED matrix using two LP5891 devices in independent
mode. Each device is responsible for its own 16 ×16 RGB LED matrix, which means that all the data for section
A is stored in device 1 and the data for section B is stored in device 2.
Figure 7-1. Two Devices in Independent Mode
The unused line must be assigned to the last several lines of the device. For example, if there are only 14
scanning lines, then the two unused lines must be assigned to 1_LS14 and 1_LS15.
7.3.1.2 Stackable Mode
While operating the LP5891 in stackable mode, as shown in below table.
Table 7-1. Stackable Mode
Mode
Matrix Size
Register Value
Scan Sequence
Mode1
16x32
000b
D1, D2 independent
Mode2
32x32
001b
D1->D2
Mode3
48x48
010b
D1->D2->D3
Mode4
48x48
011b
D1->D3->D2
Mode5
48x64
100b
D1->D2->D3
Mode6
48x64
101b
D1->D3->D2
Mode7
64x64
110b
D1->D2->D3->D4
Mode8
64x64
111b
D1->D4->D2->D3
Figure 7-2 device 2 needs to be rotated 180o relative to device 1. This action allows the position of line switches
to be near the center column of the LED matrix for better routing. For device 1, the lines connect sequentially
(line switch 0 connected to scan line 1). However on device 2, it is connected in reverse order, with the 16th scan
line is connected to line switch 15 and the 32nd scan line is connected to line switch 0.
Figure 7-2 shows the connection between two LP5891 devices in stackable mode driving 32 × 32 RGB LED
pixels. The MOD_SIZE must be configured to 001b. Device 1 supplies 16 line switches for the first 16 scan line,
and device 2 supplies 16 line switches for scan line 17-32. The data for matrix sections A and C are stored in
device 1, while matrix sections B and D data are stored in device 2.
To make sure the scanning sequence is still from 1st line to 32nd line, the scan line switching order of the second
device must be reversed, which can be configured by the SCAN_REV (see FC4 for more details).
www.ti.com
LP5891
SLDS269A – MARCH 2022 – REVISED MAY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: LP5891



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com