Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA992SIDBVR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA992SIDBVR
Description  OPAx992 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA992SIDBVR Datasheet(HTML) 2 Page - Texas Instruments

  OPA992SIDBVR Datasheet HTML 1Page - Texas Instruments OPA992SIDBVR Datasheet HTML 2Page - Texas Instruments OPA992SIDBVR Datasheet HTML 3Page - Texas Instruments OPA992SIDBVR Datasheet HTML 4Page - Texas Instruments OPA992SIDBVR Datasheet HTML 5Page - Texas Instruments OPA992SIDBVR Datasheet HTML 6Page - Texas Instruments OPA992SIDBVR Datasheet HTML 7Page - Texas Instruments OPA992SIDBVR Datasheet HTML 8Page - Texas Instruments OPA992SIDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 70 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 7
6.1 Absolute Maximum Ratings........................................ 7
6.2 ESD Ratings............................................................... 7
6.3 Recommended Operating Conditions.........................7
6.4 Thermal Information for Single Channel..................... 7
6.5 Thermal Information for Dual Channel........................8
6.6 Thermal Information for Quad Channel...................... 8
6.7 Electrical Characteristics.............................................9
6.8 Typical Characteristics.............................................. 12
7 Detailed Description......................................................20
7.1 Overview................................................................... 20
7.2 Functional Block Diagram......................................... 20
7.3 Feature Description...................................................21
7.4 Device Functional Modes..........................................30
8 Application and Implementation.................................. 31
8.1 Application Information............................................. 31
8.2 Typical Applications.................................................. 31
9 Power Supply Recommendations................................34
10 Layout...........................................................................34
10.1 Layout Guidelines................................................... 34
10.2 Layout Example...................................................... 35
11 Device and Documentation Support..........................36
11.1 Device Support........................................................36
11.2 Documentation Support.......................................... 36
11.3 Receiving Notification of Documentation Updates.. 36
11.4 Support Resources................................................. 36
11.5 Trademarks............................................................. 36
11.6 Electrostatic Discharge Caution.............................. 36
11.7 Glossary.................................................................. 37
12 Mechanical, Packaging, and Orderable
Information.................................................................... 37
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (March 2022) to Revision D (August 2022)
Page
• Added X2QFN (10) to Description with preview status.......................................................................................1
• Added X2QFN (RUG) package to Pin Configuration and Functions with preview status...................................3
Changes from Revision B (December 2021) to Revision C (March 2022)
Page
• Adjusted the typical CMRR value for VS = 2.7 – 40 V, (V+) – 1 < VCM < V+ (NMOS pair) from "90 dB" to "79
dB" in the Electrical Characteristics section........................................................................................................9
• Adjusted the AOL test condition from "VS = 40 V, VCM = VS / 2, (V–) + 0.1 V < VO < (V+) – 0.1 V" to "VS = 40
V, VCM = VS / 2, (V–) + 0.12 V < VO < (V+) – 0.12 V" in the Electrical Characteristics section..........................9
• Adjusted the typical tON Amplifier Enable Time value from "15 µs" to "5 µs" in the Electrical
Characteristics section........................................................................................................................................9
• Adjusted the typical SHDN pin input bias current value for VS = 2.7 V to 40 V, (V–) ≤ SHDN ≤ (V–) + 0.7 V
from "150 nA" to "400 nA" in the Electrical Characteristics section.................................................................... 9
• Removed "Open-Loop Gain and Phase vs Frequency" figure in Typical Characteristics section.................... 12
Changes from Revision A (October 2021) to Revision B (December 2021)
Page
• Added PSRR specification for OPA4992 release in Electrical Characteristics section.......................................9
• Added clarification to VS = 2.7 V to 40 V PSRR specification noting that specification is for all channel
variants............................................................................................................................................................... 9
• Changed y-axis from linear scale to logarithmic scale in "Input Voltage Noise Spectral Density vs Frequency"
figure in Typical Characteristics section............................................................................................................12
• Corrected typo in Shutdown of Feature Description section from "...specified 10-kΩ load to midsupply (VS /
2)" to "...specified 10-kΩ load to V-"..................................................................................................................29
Changes from Revision * (June 2021) to Revision A (October 2021)
Page
• Changed the device status from Advance Information to Production Data ....................................................... 1
OPA992, OPA2992, OPA4992
SBOSA10D – JUNE 2021 – REVISED AUGUST 2022
www.ti.com
2
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA992 OPA2992 OPA4992



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com