Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P0080SA Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # P0080SA
Description  Thyristors Surge ProtectionDevice
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

P0080SA Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  P0080SA Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD P0080SA Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD P0080SA Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
P0080SA THRU P5000SA SMB
1 / 3
www.yfwdiode.com
GuangDong YFW Electronics Co, Ltd.
Thyristors Surge ProtectionDevice
Features
For surface mounted applications to optimizeboard space
Low profile package
Bidirectional crowbar protection
Low leakage current : I = 5uA max
Low on-state voltage
Solid-state silicon technology
Application
TIA-968-A/B
ITU K.20/21 Enhanced Level*
ITU K.20/21 Basic Level*
GR 1089 Inter-building*
GR 1089 Intra-building
IEC 61000-4-5 2nd edition
YD/T 1082 YD/T 993 YD/T 950
DO-214AA/SMB
Absolute Maximum Ratings (TA=25ºC, RH=45%-75%, unless otherwise noted)
bsolute Maximus (
Parameter
Symbol
Value
Unit
Storage temperature range
Tstg
-60 to +150
Operating junction temperature range
Tj
-40 to +150
Part Number Code
Series code: P SIDACtor
P XXXX S A
Surge: 10/700uS 40Ω 2KV
VDRM
SMB
Electrical Parameters & V-I Curve
Symbol
Parameter
VDRM
Peak off-state voltage
IDRM
Off-state current
VS
Switching voltage
IS
Switching current
VT
On-state voltage
IT
On-state current
IH
Holding current
CO
Off-state capacitance


Similar Part No. - P0080SA

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
P0080SA TECCOR-P0080SA Datasheet
423Kb / 2P
SIDACtor Device
logo
Littelfuse
P0080SA LITTELFUSE-P0080SA Datasheet
97Kb / 1P
DO-214AA Package Symbolization
logo
HuaXinAn Electronics CO...
P0080SA HUAXINAN-P0080SA Datasheet
375Kb / 7P
SIDACtor Protection Thyristors
logo
Socay Electornics Co., ...
P0080SA SOCAY-P0080SA Datasheet
355Kb / 5P
Thyristor Surge Suppressors (TSS)
logo
StarHope
P0080SA SPSEMI-P0080SA Datasheet
777Kb / 3P
P thyristor for circuit protection
More results

Similar Description - P0080SA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HBT169M ETC-HBT169M Datasheet
49Kb / 4P
THYRISTORS
logo
NXP Semiconductors
BT151UC PHILIPS-BT151UC Datasheet
43Kb / 6P
Thyristors
April 2004-Rev 1.000
logo
STMicroelectronics
TYN054 STMICROELECTRONICS-TYN054 Datasheet
105Kb / 4P
THYRISTORS
Feb-1989
logo
Inchange Semiconductor ...
MCR100-6 ISC-MCR100-6 Datasheet
42Kb / 1P
Thyristors
BT151-600 ISC-BT151-600 Datasheet
54Kb / 1P
Thyristors
logo
Comset Semiconductor
BT151 COMSET-BT151 Datasheet
172Kb / 3P
THYRISTORS
BT152 COMSET-BT152 Datasheet
172Kb / 3P
THYRISTORS
logo
Sanken electric
TF561S-A SANKEN-TF561S-A Datasheet
75Kb / 3P
Thyristors
logo
Shanghai Leiditech Elec...
P0300SD LEIDITECH-P0300SD Datasheet
1Mb / 4P
Thyristors Surge Protection Device
logo
DONGGUAN YOU FENG WEI E...
P0080SB YFWDIODE-P0080SB Datasheet
413Kb / 3P
Thyristors Surge ProtectionDevice
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com