Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRF1040CT Datasheet(PDF) 2 Page - SAMYANG ELECTRONICS CO.,LTD.

Part # MBRF1040CT
Description  SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMYANG [SAMYANG ELECTRONICS CO.,LTD.]
Direct Link  www.diode.co.kr
Logo SAMYANG - SAMYANG ELECTRONICS CO.,LTD.

MBRF1040CT Datasheet(HTML) 2 Page - SAMYANG ELECTRONICS CO.,LTD.

  MBRF1040CT Datasheet HTML 1Page - SAMYANG ELECTRONICS CO.,LTD. MBRF1040CT Datasheet HTML 2Page - SAMYANG ELECTRONICS CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
25
1
100
125
50
75
100
10
8.3ms Single Half Sine Wave
TJ=125
Pulse width=300 s
1% Duty Cycle
.3
.4
.5
.6
.7
.8
.9
1.0
1.1
1.2
1.3
0.1
1.0
10
20
MBRF1030CT-MBRF1045CT
MBRF1050CT-MBRF1060CT
MBRF1090CT-MBRF10100CT
10
0
20
40
60
80
100
120
140
MBRF10100CT
.1
1
.01
25
50
75
100
125
150
FIG.3 -- TYPICAL FORWARDCHARACTERISTIC
FIG.4 -- TYPICAL REVERSECHARACTERISTIC
INSTANTANEOUSFORWARDVOLTAGE, VOLTS
RATINGSANDCHARACTERISTICCURVES
NUMBER OF CYCLES AT60HZ
CASE TEMPERATURE,
FIG.2 -- FORWARDDERATING CURVE
PERCENT OF RATED PEAK REVERSE VOLTAGE
,%
FIG.1 -- PEAK FORWARDSURGECURRENT
www.diode.co.kr
0
2
4
6
8
10
TC=125
TC=25
MBRF1090CT-MBRF10100CT
MBRF1030CT-MBRF1060CT
MBRF1030CT-
MBRF1030CT --- MBRF10100CT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com