Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSS Datasheet(PDF) 2 Page - Vishay Siliconix

Part # PSS
Description  Custom Substrates - Conductor Resistor Pattern and Overcoat
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PSS Datasheet(HTML) 2 Page - Vishay Siliconix

  PSS Datasheet HTML 1Page - Vishay Siliconix PSS Datasheet HTML 2Page - Vishay Siliconix PSS Datasheet HTML 3Page - Vishay Siliconix PSS Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PSS
www.vishay.com
Vishay Electro-Films
Revision: 26-Sep-2018
2
Document Number: 61111
For technical questions, contact: efi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CURRENT DENSITY
To ensure optimal Resistor performance, the design engineer must consider the self-heating effects of the operating resistor
and understand the power dissipation characteristics of the environment. A complete thermal analysis should be performed by
the design engineer to ensure proper thin film resistor design. The following table lists current density standards for common
materials.
RESISTOR DESIGN
After the thin film resistor values have been determined and a metallization film selected per SPF1 and SPF2 datasheets, the
thin film resistor layout can be designed. There are two typical approaches for accomplishing this: the block-style resistor (see
Fig. 1) or serpentine- style resistor (see Fig. 2). With both design approaches, it is standard to employ a laser trim process to
trim the resistor to the desired value and tolerance. Vishay EFI employs both scrub (edge) trimming and plunge trimming
techniques to achieve the desired resistor value.
Fig. 1 - Probe pad and artwork overlap requirements (minimum)
Fig. 2 - Serpentine resistor with two areas for laser trim
All high frequency resistors should be Edge trimmed to value to preserve frequency response. VEFI can also supply resistors of
20 % tolerance (10 % special) or looser tolerances which are designed to 100 % of bake to value with no laser trimming.
CURRENT DENSITY
SHEET
RESISTANCE
Al2O3
SILICON
QUARTZ
AIN
BeO
25
/sq
4 mA/mil
20 mA/mil
0.5 mA/mil
19 mA/mil
32 mA/mil
50
/sq
2 mA/mil
10 mA/mil
0.25 mA/mil
9.5 mA/mil
16 mA/mil
100
/sq
1 mA/mil
5 mA/mil
0.125 mA/mil
4.7 mA/mil
8 mA/mil
200
/sq
0.5 mA/mil
2.5 mA/mil
0.062 mA/mil
2.3 mA/mil
4 mA/mil
Resistor length
0.002" (50.8 μm)
Artwork overlap
0.002" (50.8 μm)
0.0005"
(12.7 μm)
0.003"
(76.2 μm)
Probe
pad
Laser trim
example
Laser kerf=
0.0015"
(38.1μm)
Resistor squares
compensated
for laser kerf
Serpentine area
Link area
RESISTOR DESIGN RULES
PARAMETER
VALUES
COMMENTS
Min. resistor dimension
0.002" x 0.002" (50 μm x 50 μm)
Min. probe pad dimension
0.003" x 0.003" (75 μm x 127 μm)
For resistors < 1000
, use probe pad size of
0.006" (152 μm) x 0.008" (203 μm)
Min. conductor/resistor design overlap
0.002" (50 μm)
See Fig. 1
Resistor layout dimensions (block
resistor/serpentine resistor)
100 % of nominal value /
100 % of nominal resistor value plus laser
kerfs of 0.5 mil2/sq
Resistor trim
Scrub, plunge, or bake to value
Bake to value ± 10 % or 20 %



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com