Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1418 Datasheet(PDF) 3 Page - California Micro Devices Corp

Part # CM1418
Description  Praetorian??L-C EMI Filter with ESD Protection for Headset Speaker Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1418 Datasheet(HTML) 3 Page - California Micro Devices Corp

  CM1418 Datasheet HTML 1Page - California Micro Devices Corp CM1418 Datasheet HTML 2Page - California Micro Devices Corp CM1418 Datasheet HTML 3Page - California Micro Devices Corp CM1418 Datasheet HTML 4Page - California Micro Devices Corp CM1418 Datasheet HTML 5Page - California Micro Devices Corp CM1418 Datasheet HTML 6Page - California Micro Devices Corp CM1418 Datasheet HTML 7Page - California Micro Devices Corp CM1418 Datasheet HTML 8Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
© 2005 California Micro Devices Corp. All rights reserved.
12/13/05
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.cmd.com
3
CM1418
PRELIMINARY
Specifications
Note 1: TA=25°C unless otherwise specified.
Note 2: ESD applied to input and output pins with respect to GND, one at a time.
Note 3: These parameters are guaranteed by design and characterization.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
RATING
UNITS
Storage Temperature Range
-65 to +150
°C
DC Current per Inductor
30
mA
DC Package Power Rating
0.5
W
STANDARD OPERATING CONDITIONS
PARAMETER
RATING
UNITS
Operating Temperature Range
-40 to +85
°C
ELECTRICAL OPERATING CHARACTERISTICS (SEE NOTE 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
L
Inductance
3.0
nH
R
DC Channel Resistance
0.28
0.35
Ω
CTOT
Total Channel Capacitance
2.5V dc; 1MHz, 30mV ac
187
234
281
pF
C1
Capacitance C1
2.5V dc; 1MHz, 30mV ac
93
117
140
pF
VST
Stand-off Voltage
I = 10
μA6.0
V
ILEAK
Diode Leakage Current
VIN =
±3.3V
0.1
1.0
μA
VSIG
Signal Clamp Voltage
Positive Clamp
Negative Clamp
ILOAD = 10mA
ILOAD = -10mA
5.6
-9.0
6.8
-6.8
9.0
-5.6
V
V
VESD
In-system ESD Withstand Voltage
a) Human Body Model, MIL-STD-883,
Method 3015
b) Contact Discharge per IEC 61000-4-2
Level 4
Notes 2 and 3
±30
±30
kV
kV
RDYN
Dynamic Resistance
Positive
Negative
0.95
0.90
Ω
Ω
fC
Cut-off frequency
ZSOURCE = 50Ω, ZLOAD = 50Ω
L = 3nH, C = 117pF
22
MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com