Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPM25751V-24R-R62S Datasheet(PDF) 7 Page - Eaton All Rights Reserved.

Part # EPM25751V-24R-R62S
Description  15 Watt isolated DC-DC converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EPM25751V-24R-R62S Datasheet(HTML) 7 Page - Eaton All Rights Reserved.

  EPM25751V-24R-R62S Datasheet HTML 1Page - Eaton All Rights Reserved. EPM25751V-24R-R62S Datasheet HTML 2Page - Eaton All Rights Reserved. EPM25751V-24R-R62S Datasheet HTML 3Page - Eaton All Rights Reserved. EPM25751V-24R-R62S Datasheet HTML 4Page - Eaton All Rights Reserved. EPM25751V-24R-R62S Datasheet HTML 5Page - Eaton All Rights Reserved. EPM25751V-24R-R62S Datasheet HTML 6Page - Eaton All Rights Reserved. EPM25751V-24R-R62S Datasheet HTML 7Page - Eaton All Rights Reserved. EPM25751V-24R-R62S Datasheet HTML 8Page - Eaton All Rights Reserved. EPM25751V-24R-R62S Datasheet HTML 9Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
Technical Data ELX1165
Effective March 2022
EPM25-1V 15 W
15 Watt isolated DC-DC converter
www.eaton.com/electronics
EMC filtering circuit
Class B
C1
C2
L1
C3
C4
24 Vin
2.2 µF
2.2 µF
4.7 μH
1500 pF
1500 pF
48 Vin
2.2 µF
2.2 µF
4.7 μH
1500 pF
1500 pF
If not using CTRL function, leave CTRL pin floating.
If using CTRL pin to control module to turn on and off; use either external
circuit as shown below.
CTRL pin setting
Remote ON/OFF
DC-DC ON
Open or 3.5 - 15 Vdc
DC-DC OFF
Short or 0 - 1.2 Vdc
Packaging- Inches
Box accomodates
2 tray 60 converters per box
Carton accomodates
3 boxes 180 converters per carton



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com