Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPM25751V-12R-R62D Datasheet(PDF) 5 Page - Eaton All Rights Reserved.

Part # EPM25751V-12R-R62D
Description  15 Watt isolated DC-DC converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EPM25751V-12R-R62D Datasheet(HTML) 5 Page - Eaton All Rights Reserved.

  EPM25751V-12R-R62D Datasheet HTML 1Page - Eaton All Rights Reserved. EPM25751V-12R-R62D Datasheet HTML 2Page - Eaton All Rights Reserved. EPM25751V-12R-R62D Datasheet HTML 3Page - Eaton All Rights Reserved. EPM25751V-12R-R62D Datasheet HTML 4Page - Eaton All Rights Reserved. EPM25751V-12R-R62D Datasheet HTML 5Page - Eaton All Rights Reserved. EPM25751V-12R-R62D Datasheet HTML 6Page - Eaton All Rights Reserved. EPM25751V-12R-R62D Datasheet HTML 7Page - Eaton All Rights Reserved. EPM25751V-12R-R62D Datasheet HTML 8Page - Eaton All Rights Reserved. EPM25751V-12R-R62D Datasheet HTML 9Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Technical Data ELX1165
Effective March 2022
EPM25-1V 15 W
15 Watt isolated DC-DC converter
www.eaton.com/electronics
Application information
Single external output voltage trimming
Output voltage
R1
R2
R3
Vref
3.3 V
16.6 kΩ
10 kΩ
52.3 kΩ
1.24 V
5 V
10.0 kΩ
10 kΩ
35.7 kΩ
2.5 V
12 V
38.1 kΩ
10 kΩ
48.7 kΩ
2.5 V
15 V
50.1 kΩ
10 kΩ
51.0 kΩ
2.5 V
24 V
86.32 kΩ
10 kΩ
73.2 kΩ
2.5 V
1. Ru, Rd is mean trim resistor, please check the formula.
2. a & b: user define parameter
3. V
0
1
is mean trim up/down voltage.
4. Value for R1, R2, R3 and V
ref. Refer to the table below.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com