Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F0424 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F0424
Description  High-Gain Broadband RF Amplifier 600MHz to 5000MHz
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0424 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F0424 Datasheet HTML 1Page - Renesas Technology Corp F0424 Datasheet HTML 2Page - Renesas Technology Corp F0424 Datasheet HTML 3Page - Renesas Technology Corp F0424 Datasheet HTML 4Page - Renesas Technology Corp F0424 Datasheet HTML 5Page - Renesas Technology Corp F0424 Datasheet HTML 6Page - Renesas Technology Corp F0424 Datasheet HTML 7Page - Renesas Technology Corp F0424 Datasheet HTML 8Page - Renesas Technology Corp F0424 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
High-Gain Broadband RF
Amplifier 600MHz to 5000MHz
F0424
Datasheet
© 2020 Renesas Electronics Corporation
1
February 13, 2020
Description
The F0424 is a 600MHz to 5000MHz SiGe High-Gain Broadband
RF Amplifier. The combination of low noise figure (NF) and high
linearity performance allows the device to be used in both receiver
and transmitter applications.
The F0424 is designed to operate with a single 5V or 3.3V power
supply using a nominal 70mA of ICC. With a supply voltage of 5V,
the F0424 provides 17.3dB gain with +40dBm OIP3 and 2.3dB
noise figure at 2600MHz.
The device is packaged in a 2 × 2 mm, 8-pin Thin DFN with 50Ω
single-ended RF input and output impedances for ease of
integration into the signal path.
Competitive Advantage
High gain
Broadband
STBY feature
Superior reliability versus GaAs
Typical Applications
4G TDD and FDD Base Stations
2G/3G Base Stations
Repeaters and DAS
Point-to-Point Infrastructure
Public Safety Infrastructure
Military Handhelds
Table 1.
Typical Values
Part
Number
Frequency
(MHz)
Gain
(dB)
NF
(dB)
OIP3
(dBm)
F0424
600 to 5000
17.3
2.3
+40
Features
RF Range: 600MHz to 5000MHz
Noise Figure = 2.3dB at 2600MHz
Gain = 17.3dB at 2600MHz
OIP3 = +40dBm at 2600MHz
Output P1dB = +21dBm at 2600MHz
Near-Constant Gain versus Temperature
3.3V or 5V Power Supply
ICC = 70mA
2mA Standby Current
350mW Typical DC Power at 5V Supply
50Ω Input and Output Impedances
Operating temperature (TEPAD) range: -40°C to +105°C
2 × 2 mm, 8-DFN package
Block Diagram
Figure 1. Block Diagram
RFIN
RFOUT
Bias


Similar Part No. - F0424

ManufacturerPart #DatasheetDescription
logo
Littelfuse
F042 LITTELFUSE-F042 Datasheet
660Kb / 4P
Fuse Blocks and Clips - For 3AG Fuses
F042-ND LITTELFUSE-F042-ND Datasheet
660Kb / 4P
Fuse Blocks and Clips - For 3AG Fuses
More results

Similar Description - F0424

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2302 RFMD-RF2302 Datasheet
164Kb / 8P
BROADBAND LINEAR VARIABLE GAIN AMPLIFIER
logo
Micrel Semiconductor
MICRF501 MICREL-MICRF501 Datasheet
141Kb / 18P
300MHz to 600MHz RadioWire??RF Transceiver
logo
M/A-COM Technology Solu...
MAAM-011100 MA-COM-MAAM-011100 Datasheet
369Kb / 7P
Broadband Variable Gain Amplifier
logo
Pasternack Enterprises,...
PE15A3505 PASTERNACK-PE15A3505 Datasheet
488Kb / 6P
48 dB Gain, 1 Watt, 6 GHz to 12 GHz, Broadband High Gain Amplifier
logo
RF Micro Devices
SGA0363Z RFMD-SGA0363Z Datasheet
322Kb / 6P
DC to 5000MHz, SILICON GERMANIUM CASCADABLE GAIN BLOCK
logo
M/A-COM Technology Solu...
AM-131-PIN MA-COM-AM-131-PIN_15 Datasheet
502Kb / 3P
Broadband RF Amplifier
MAAM-011100 MA-COM-MAAM-011100_14 Datasheet
1Mb / 7P
Broadband Variable Gain Amplifier
logo
Renesas Technology Corp
F1490 RENESAS-F1490 Datasheet
1Mb / 27P
High Gain RF Amplifier 1.8GHz to 5.0GHz
F1478 RENESAS-F1478 Datasheet
21Mb / 49P
High Gain RF Amplifier 1.8GHz to 5.0GHz
March 29, 2019
F1490 RENESAS-F1490_V01 Datasheet
4Mb / 48P
High Gain RF Amplifier 1.8GHz to 6.4GHz
November 15, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com