Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F1490 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F1490
Description  High Gain RF Amplifier 1.8GHz to 6.4GHz
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1490 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F1490 Datasheet HTML 1Page - Renesas Technology Corp F1490 Datasheet HTML 2Page - Renesas Technology Corp F1490 Datasheet HTML 3Page - Renesas Technology Corp F1490 Datasheet HTML 4Page - Renesas Technology Corp F1490 Datasheet HTML 5Page - Renesas Technology Corp F1490 Datasheet HTML 6Page - Renesas Technology Corp F1490 Datasheet HTML 7Page - Renesas Technology Corp F1490 Datasheet HTML 8Page - Renesas Technology Corp F1490 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
High Gain RF Amplifier
1.8GHz to 6.4GHz
F1490
Datasheet
© 2021 Renesas Electronics Corporation
1
November 15, 2021
Description
The F1490 is a high gain, two-stage RF Amplifier designed to
operate within the 1.8GHz to 6.4GHz frequency range. Using a
single 5V power supply, the F1490 provides two selectable gain
modes (35.5dB and 39.5dB), 2.5dB of Noise Figure and 24dBm
OP1dB at 2.6GHz.
The F1490 is packaged in a 3 × 3 mm, 16-pin VFQFPN package,
with matched 50Ω input and output impedances for ease of
integration into the signal path.
Competitive Advantage
Combines a two-stage RF amplifier in a single, compact
3 × 3 mm QFN package
Excellent performance over exceptionally wide bandwidths
Two selectable gain modes
Low current consumption
Typical Applications
5G Sub-6GHz massive MIMO
Wireless infrastructure base stations
FDD or TDD systems
Point-to-point infrastructure
Public safety infrastructure
Military handhelds
Repeaters and DAS
General purpose RF
Features
RF range: 1.8GHz to 6.4GHz
39.5dB typical gain at 2.6GHz in high gain mode
35.5dB typical gain at 2.6GHz in low gain mode
2.5dB NF at 2.6GHz
50Ω single-ended input and output impedances
5V power supply
75mA quiescent current consumption
1.8V logic compatible Standby Mode for power savings
Operating temperature (TEPAD) range: -40°C to +115°C
3 × 3 mm 16-VFQFPN package
Block Diagram
Figure 1. Block Diagram
RFIN
RFOUT
Bias


Similar Part No. - F1490

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F1490 RENESAS-F1490 Datasheet
1Mb / 27P
High Gain RF Amplifier 1.8GHz to 5.0GHz
F1490EVB-2P5 RENESAS-F1490EVB-2P5 Datasheet
1Mb / 27P
High Gain RF Amplifier 1.8GHz to 5.0GHz
F1490EVB-3P6 RENESAS-F1490EVB-3P6 Datasheet
1Mb / 27P
High Gain RF Amplifier 1.8GHz to 5.0GHz
F1490NLGA RENESAS-F1490NLGA Datasheet
1Mb / 27P
High Gain RF Amplifier 1.8GHz to 5.0GHz
F1490NLGA8 RENESAS-F1490NLGA8 Datasheet
1Mb / 27P
High Gain RF Amplifier 1.8GHz to 5.0GHz
More results

Similar Description - F1490

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB7002 STMICROELECTRONICS-STB7002 Datasheet
369Kb / 7P
1.8GHz THREE GAIN LEVEL LNA
22-Jan-2002
logo
RF Micro Devices
RF5117 RFMD-RF5117 Datasheet
274Kb / 10P
3V, 1.8GHz TO 2.8GHz LINEAR POWER AMPLIFIER
RF5117C RFMD-RF5117C Datasheet
275Kb / 12P
3V, 1.8GHz TO 2.8GHz LINEAR POWER AMPLIFIER
RF5117C RFMD-RF5117C_1 Datasheet
374Kb / 12P
3V, 1.8GHz TO 2.8GHz LINEAR POWER AMPLIFIER
RF5117 RFMD-RF5117_1 Datasheet
374Kb / 12P
3V, 1.8GHz TO 2.8GHz LINEAR POWER AMPLIFIER
logo
API Technologies Corp
QHB-5866 APITECH-QHB-5866 Datasheet
248Kb / 1P
RF Amplifier High Gain: 27.5 dB
QBS-8872 APITECH-QBS-8872 Datasheet
633Kb / 1P
RF Amplifier High Gain: 10.0 dB
logo
Renesas Technology Corp
F1490 RENESAS-F1490 Datasheet
1Mb / 27P
High Gain RF Amplifier 1.8GHz to 5.0GHz
F0424 RENESAS-F0424 Datasheet
2Mb / 24P
High-Gain Broadband RF Amplifier 600MHz to 5000MHz
February 13, 2020
F1478 RENESAS-F1478 Datasheet
21Mb / 49P
High Gain RF Amplifier 1.8GHz to 5.0GHz
March 29, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com